|
■ DESCRIPTION The MB89150/A series has been developed as general-purpose version of the F2MC*-8L family consisting of proprietary 8-bit, single-chip microcontrollers. In addition to a compact instruction set, the MB89150 series microcontrollers contain a variety of peripheral functions such as dual-clock control system, five operating speed control stages, timers, a serial interface, a remote control transmission output, external interrupts, an LCD controller/driver, an LCD booster, and a watch prescaler. ■ FEATURES • F2MC-8L family CPU core • Dual-clock system • High-speed processing at low voltage • Minimum execution time: 0.95 µs/2.7 V, 1.33 µs/2.2 V • I/O ports: max. 43 channels • 21-bit time-base timer • 8/16-bit timer/counter: 1 channel (8 bits × 2 channels) • 8-bit serial I/O: 1 channel • LCD controller/driver: Max. 36 segments × 4 commons (built-in booster) • Remote control transmission output • Buzzer output • Watch prescaler (15 bits) • External interrupts (wake-up function) Four independent channels with edge detection function plus eight level-interrupt channels
|