Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G7871 Datasheet (PDF) - Hamamatsu Corporation

G7871 Datasheet PDF - Hamamatsu Corporation
Part # G7871
Download  G7871 Download
File Size   108.24 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description InGaAs PIN photodiode with preamp

G7871 Datasheet (PDF)

Go To PDF Page Download Datasheet
G7871 Datasheet PDF - Hamamatsu Corporation

Part # G7871
Download  G7871 Click to download

File Size   108.24 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description InGaAs PIN photodiode with preamp

G7871 Datasheet (HTML) - Hamamatsu Corporation


G7871 Product details

InGaAs PIN photodiode with preamp
G8338/G8341/G7871/G8795 series
TO-18 package, 1.3/1.55 mm, 156, 622 Mbps/1.25, 2.5 Gbps

G8338/G8341/G7871/G8795 series are high-speed receivers specifically developed for 1.3/1.55 µm band optical fiber communications. These devices incorporate a high-speed, high-sensitivity InGaAs PIN photodiode integrated with a high-speed preamp, allowing easy connection to a latter-stage circuit. Lens window types are also available for efficient and easy coupling to an optical fiber.

Features
● Wide dynamic range
   G8338 series (156 Mbps) : -37 to -5 dBm
   G8341 series (622 Mbps) : -32 to -5 dBm
   G7871 series (1.25 Gbps) : -25 to -1 dBm
   G8795 series (2.5 Gbps) : -22 to +1 dBm
● Integrated with trans-impedance amplifier
● Active area
   G8338/G7871 series: f0.08 mm
   G8341/G8795 series: f0.04 mm
● Supply voltage
   G8338/G8341 series: 3.3 V
   G7871/G8795 series: 3.3 V, 5 V
● Differential output

Applications
● Optical fiber communications
● Fiber channel
● Gigabit Ethernet
● HDTV
● SDH




Similar Part No. - G7871

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G78-04 OMRON-G78-04 Datasheet
82Kb / 2P
Relay I/O Block Components Overview
G78-E OMRON-G78-E Datasheet
82Kb / 2P
Relay I/O Block Components Overview
logo
Global Mixed-mode Techn...
G780 GMT-G780 Datasheet
162Kb / 1P
짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
BELIMO AIRCONTROLS (USA...
G780 BELIMO-G780 Datasheet
1Mb / 4P
Fluid chilled or hot water, up to 60% glycol
G780D BELIMO-G780D Datasheet
949Kb / 4P
Fluid chilled or hot water, up to 60% glycol
More results


Similar Description - G7871

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8339 HAMAMATSU-G8339 Datasheet
118Kb / 2P
InGaAs PIN photodiode with preamp
G8340 HAMAMATSU-G8340 Datasheet
101Kb / 2P
InGaAs PIN photodiode with preamp
G8925 HAMAMATSU-G8925 Datasheet
124Kb / 2P
InGaAs PIN photodiode with preamp
G9128 HAMAMATSU-G9128 Datasheet
129Kb / 2P
InGaAs PIN photodiode with preamp
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
InGaAs-PIN/Preamp Preamp
logo
Hamamatsu Corporation
G10342-14 HAMAMATSU-G10342-14 Datasheet
219Kb / 2P
InGaAs PIN photodiode with preamp
G10518-51 HAMAMATSU-G10518-51 Datasheet
311Kb / 2P
InGaAs PIN photodiode with preamp
G9822 HAMAMATSU-G9822 Datasheet
167Kb / 3P
InGaAs PIN photodiodes with preamp
G9820 HAMAMATSU-G9820 Datasheet
90Kb / 2P
InGaAs PIN photodiode with preamp
G12072-54 HAMAMATSU-G12072-54_15 Datasheet
1Mb / 4P
InGaAs PIN photodiode with preamp
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com