Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1463P Datasheet (PDF) - Hamamatsu Corporation

R1463P Datasheet PDF - Hamamatsu Corporation
Part # R1463P
Download  R1463P Download
File Size   45.29 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PHOTOMULTIPLIER TUBES

R1463P Datasheet (PDF)

Go To PDF Page Download Datasheet
R1463P Datasheet PDF - Hamamatsu Corporation

Part # R1463P
Download  R1463P Click to download

File Size   45.29 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PHOTOMULTIPLIER TUBES

R1463P Datasheet (HTML) - Hamamatsu Corporation


R1463P Product details

High Anode Sensitivity at Low Supply Voltage, 13mm (1/2 Inch) Diameter,
10 Stage, Head-On Type, Multialkali Photocathode, (185nm to 850nm)

The Hamamatsu R1463 is a 13mm (1/2") diameter, head-on type photomultiplier tube having a multialkali photocathode designed for use in UV to near IR spectrophotometers and other analysis equipments where wide range response and high gain are of importance. The R1463 exhibits a high anode sensitivity at relatively low supply voltage by virtue of improvement in secondary emitting surface. The R1463P is for photon counting with low dark counts. It has an HA coating with a magnetic shield for decreasing glass scintillations.

FEATURES
● High Anode Sensitivity
   Radiant (420nm) .................................. 5.1 × 104 A/W at 1000V
   Luminous .................................................... 120 A/lm at 1000V
● High Quantum Efficiency (290nm) ........................................ 19%
● Wide Spectral Response ........................................ 185 to 850nm
● Low Anode Dark Current ....................................... 4 nA at 1000V

APPLICATIONS
● UV to Near IR Spectrophotometers
● Laser Detection Systems
● Photon Counting Systems




Similar Part No. - R1463P

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1463 HAMAMATSU-R1463_15 Datasheet
49Kb / 2P
13 mm (1/2 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
More results


Similar Description - R1463P

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1307 HAMAMATSU-R1307 Datasheet
32Kb / 4P
PHOTOMULTIPLIER TUBES
R6427 HAMAMATSU-R6427 Datasheet
63Kb / 4P
PHOTOMULTIPLIER TUBES
R2154-02 HAMAMATSU-R2154-02_06 Datasheet
42Kb / 2P
PHOTOMULTIPLIER TUBES
R2693 HAMAMATSU-R2693_07 Datasheet
162Kb / 4P
PHOTOMULTIPLIER TUBES
R3788 HAMAMATSU-R3788_06 Datasheet
178Kb / 4P
PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_03 Datasheet
141Kb / 4P
PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_15 Datasheet
225Kb / 4P
PHOTOMULTIPLIER TUBES
R4220 HAMAMATSU-R4220_15 Datasheet
225Kb / 4P
PHOTOMULTIPLIER TUBES
R2083 HAMAMATSU-R2083_15 Datasheet
44Kb / 2P
PHOTOMULTIPLIER TUBES
R13478 HAMAMATSU-R13478 Datasheet
237Kb / 4P
PHOTOMULTIPLIER TUBES
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com