Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA13154A Datasheet (PDF) - Hitachi Semiconductor

HA13154A Datasheet PDF - Hitachi Semiconductor
Part # HA13154A
Download  HA13154A Download
File Size   85.86 Kbytes
Page   21 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 15 W X 4-Channel BTL Power IC

HA13154A Datasheet (PDF)

Go To PDF Page Download Datasheet
HA13154A Datasheet PDF - Hitachi Semiconductor

Part # HA13154A
Download  HA13154A Click to download

File Size   85.86 Kbytes
Page   21 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 15 W X 4-Channel BTL Power IC

HA13154A Datasheet (HTML) - Hitachi Semiconductor


HA13154A Product details

Description

The HA13153A/HA13154A is high output and low distortion 4 ch BTL power IC designed for digital car audio. At 13.2 V to 4 Ωload, this power IC provides output power 15 W with 10% distortion.





Function

•  4 ch BTL power amplifiers

•  Built-in standby circuit

•  Built-in muting circuit

•  Built-in protection circuit (surge, T.S.D, and ASO)



Features

•  Few external parts lead to compact set-area possibility than HA13150A/HA13151/HA13152 (C: 3, R:1)

•  Popping noise minimized

•  Low output noise

•  Built-in high reliability protection circuit

•  Pin to pin with HA13150A/HA13151/HA13152/HA13155




Similar Part No. - HA13154A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13150 HITACHI-HA13150 Datasheet
86Kb / 15P
21 W X 4-Channel BTL Power IC
HA13150 HITACHI-HA13150 Datasheet
213Kb / 8P
21W X 4 CHANNEL BTL POWER IC
HA13150A HITACHI-HA13150A Datasheet
86Kb / 15P
21 W X 4-Channel BTL Power IC
HA13150A HITACHI-HA13150A Datasheet
84Kb / 13P
33 W ´ 4-Channel BTL Power IC
HA13151 HITACHI-HA13151 Datasheet
147Kb / 24P
14 W X 4-Channel BTL Power IC
More results


Similar Description - HA13154A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13155 HITACHI-HA13155 Datasheet
61Kb / 13P
33 W x 4-Channel BTL Power IC
HA13156 HITACHI-HA13156 Datasheet
84Kb / 18P
38 W x 4-Channel BTL Power IC
HA13158A HITACHI-HA13158A Datasheet
85Kb / 15P
34 W 횞 4-Channel BTL Power IC
HA13159 HITACHI-HA13159 Datasheet
85Kb / 15P
37 W 횞 4-Channel BTL Power IC
HA13151 HITACHI-HA13151 Datasheet
147Kb / 24P
14 W X 4-Channel BTL Power IC
HA13150A HITACHI-HA13150A Datasheet
86Kb / 15P
21 W X 4-Channel BTL Power IC
HA13150 HITACHI-HA13150 Datasheet
213Kb / 8P
21W X 4 CHANNEL BTL POWER IC
logo
Toshiba Semiconductor
TA8264AHQ TOSHIBA-TA8264AHQ Datasheet
262Kb / 14P
Max Power 41 W BTL x 4 ch Audio Power IC
TB2936HQ TOSHIBA-TB2936HQ Datasheet
477Kb / 20P
49 W x 4-ch BTL Audio Power IC
logo
Hitachi Semiconductor
HA13157 HITACHI-HA13157 Datasheet
84Kb / 13P
33 W ´ 4-Channel BTL Power IC
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com