Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA13571FR Datasheet (PDF) - Hitachi Semiconductor

HA13571FR Datasheet PDF - Hitachi Semiconductor
Part # HA13571FR
Download  HA13571FR Download
File Size   103.6 Kbytes
Page   22 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Combo (Spindle & VCM) Driver for HDD

HA13571FR Datasheet (PDF)

Go To PDF Page Download Datasheet
HA13571FR Datasheet PDF - Hitachi Semiconductor

Part # HA13571FR
Download  HA13571FR Click to download

File Size   103.6 Kbytes
Page   22 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Combo (Spindle & VCM) Driver for HDD

HA13571FR Datasheet (HTML) - Hitachi Semiconductor


HA13571FR Product details

Description
The HA13571FR is combination of Spindle and VCM Driver designed for HDD and have following functions and features.

Features
• Low thermal resistance package (θj-a ≤ 25°C/W)
• Full programable commutation structure
• Low output saturation voltage
    - Spindle motor driver
    - VCM driver
• Built-in PWM DAC with filter
• Low noise drive by soft switching

Functions
• 2.2 A/phase spindle motor driver
• 1.5 A VCM driver
• Soft switching control circuit
• B-EMF detection circuit
• Selectable PWM or linear drive (spindle motor driver)
• Power down brake & retract
• PWM DAC & filter (VCM driver)
• 5 V, 12 V power supply monitor
• Watch dog timer




Similar Part No. - HA13571FR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13501S HITACHI-HA13501S Datasheet
165Kb / 8P
THREE PHASE MOTOR DRIVER WITH SPEED DISCRIMINATOR
HA13532 HITACHI-HA13532 Datasheet
68Kb / 16P
Three-Phase Stepping Motor Control IC
HA13532NT HITACHI-HA13532NT Datasheet
68Kb / 16P
Three-Phase Stepping Motor Control IC
HA13536F HITACHI-HA13536F Datasheet
62Kb / 16P
Three-Phase Brushless DC Motor Driver IC
HA13556AF HITACHI-HA13556AF Datasheet
83Kb / 20P
Combination of Spindle and VCM Driver designed for HDD and have Following Functions and Features
More results


Similar Description - HA13571FR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5345HT PHILIPS-TDA5345HT Datasheet
213Kb / 44P
5 V spindle & VCM driver combo
1999 June 10
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
logo
Vishay Siliconix
SI9993CS VISHAY-SI9993CS Datasheet
419Kb / 16P
12-V VCM/Spindle Motor Driver for Large Capacity HDD
05-Apr-99
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
Combo (Spindle & VCM) Driver
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
Combo (Spindle & VCM) Driver
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
Combo (Spindle & VCM) Driver
HA13556AF HITACHI-HA13556AF Datasheet
83Kb / 20P
Combination of Spindle and VCM Driver designed for HDD and have Following Functions and Features
logo
List of Unclassifed Man...
LD7000 ETC-LD7000 Datasheet
29Kb / 2P
Spindle/VCM Controller and Pre-driver
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
Disk drive spindle and VCM motor driver
24-Dec-2007
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com