Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA13614FH Datasheet (PDF) - Hitachi Semiconductor

HA13614FH Datasheet PDF - Hitachi Semiconductor
Part # HA13614FH
Download  HA13614FH Download
File Size   122.26 Kbytes
Page   26 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Combo (Spindle & VCM) Driver

HA13614FH Datasheet (PDF)

Go To PDF Page Download Datasheet
HA13614FH Datasheet PDF - Hitachi Semiconductor

Part # HA13614FH
Download  HA13614FH Click to download

File Size   122.26 Kbytes
Page   26 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Combo (Spindle & VCM) Driver

HA13614FH Datasheet (HTML) - Hitachi Semiconductor


HA13614FH Product details

Description
This COMBO driver for HDD application consists of sensorless spindle driver and BTL type VCM driver.
“PWM soft switching function” for low power dissipation and less commutation acoustic noise at the same time is implemented by using the IPIC* process.

Features
• PWM soft switching drive
• Small surface mount package: FP-48T
• Low thermal resistance: 30°C/W with 4 layer multi glass-epoxy board
• Low output on resistance
   - Spindle 1.2 Ω Typ
   - VCM 1.4 Ω Typ
• TTL compatible input level (with 3.3 V logic interface)
• High precision reference voltage output (for 3.3 V power supply)

Functions
• 16 bit serial port
• 2.0 A Max/3-phase spindle motor driver with PWM soft switch function
• 1.5 A Max BTL VCM driver with low crossover distortion
• PWMDAC for VCM drive current control
• Power off brake function for spindle motor
• Auto retract with constant output voltage
• Booster
• Internal Protector (OTSD, LVI)
• Precision power monitor
• OP amplifier




Similar Part No. - HA13614FH

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
Three-Phase Brushless Motor Driver
HA13609ANT HITACHI-HA13609ANT Datasheet
143Kb / 31P
Three-Phase Brushless Motor Driver
HA13631T HITACHI-HA13631T Datasheet
86Kb / 20P
CD-ROM Combo Driver
More results


Similar Description - HA13614FH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5345HT PHILIPS-TDA5345HT Datasheet
213Kb / 44P
5 V spindle & VCM driver combo
1999 June 10
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
5V & 12V SPINDLE AND VCM MOTORS DRIVER
Jul-2001
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
Combo (Spindle & VCM) Driver
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
Combo (Spindle & VCM) Driver
HA13571FR HITACHI-HA13571FR Datasheet
103Kb / 22P
Combo (Spindle & VCM) Driver for HDD
logo
ATMEL Corporation
AT78C7005 ATMEL-AT78C7005 Datasheet
135Kb / 4P
Spindle/VCM MotorController/Drivers
logo
List of Unclassifed Man...
LD7000 ETC-LD7000 Datasheet
29Kb / 2P
Spindle/VCM Controller and Pre-driver
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
Disk drive spindle and VCM motor driver
24-Dec-2007
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com