Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16654 Datasheet (PDF) - Hitachi Semiconductor

HA16654 Datasheet PDF - Hitachi Semiconductor
Part # HA16654
Download  HA16654 Download
File Size   85.82 Kbytes
Page   15 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description PWM Controlled Switching Regulator

HA16654 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA16654 Datasheet PDF - Hitachi Semiconductor

Part # HA16654
Download  HA16654 Click to download

File Size   85.82 Kbytes
Page   15 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description PWM Controlled Switching Regulator

HA16654 Datasheet (HTML) - Hitachi Semiconductor


HA16654 Product details

The HA16654A and HA16664A are PWM control switching regulator ICs which drive a power MOSFET at high speed and high frequency. The standby current is limited to as small as 1.5 mA (typ). These devices incorporate totem pole circuits suited for high-speed push-pull operation at the output stage, accomplishing high-speed switching with rising time tr= 80 ns (typ) and falling time tf= 40 ns (typ) at 20 V swing.



Functions

•  Reference voltage circuit

•  Triangular waveform oscillation circuit

•  PWM comparator circuit

•  Low-input malfunction protection circuit

•  Output drive circuit

•  Soft start and quick shut down



Features

•  High speed switching: tr= 80 ns, tf= 40 ns (typ) when use exernal driver circuit

•  High frequency operation:

   HA16654A (f = 100 kHz to 500 kHz)

   HA16664A (f = 100 kHz to 200 kHz)

   Low power dissipation : 2 mA max in standby state

•  5 V reference voltage

•  Low-input malfunction protection (High threshold voltage: 10 V Typ, Low threshold voltage: 8 V Typ)

•  Adjustable dead band width

•  Enlarged output pulse width control range (0 to 80%)

•  Soft start and quick shut down functions

•  Single output: totem pole




Similar Part No. - HA16654

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA166008 HITACHI-HA166008 Datasheet
233Kb / 9P
READ/ WRITE CIRCUIT
HA166008MP HITACHI-HA166008MP Datasheet
233Kb / 9P
READ/ WRITE CIRCUIT
HA166009MP HITACHI-HA166009MP Datasheet
233Kb / 9P
READ/ WRITE CIRCUIT
HA166010MP HITACHI-HA166010MP Datasheet
233Kb / 9P
READ/ WRITE CIRCUIT
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
Read/Write IC for Hard Disk Drive
More results


Similar Description - HA16654

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
600kHz PWM Controlled Switching Regulator
logo
NXP Semiconductors
SA57254-30GW PHILIPS-SA57254-30GW Datasheet
267Kb / 18P
CMOS switching regulator (PWM controlled)
2003 Nov 11
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
600kHz PWM Switching Regulator Controller
logo
Mitsumi Electronics, Co...
MM3005 MITSUMI-MM3005 Datasheet
193Kb / 18P
CMOS Switching Regulator (PWM controlled)
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
150KHz, 3A PWM Buck Switching Regulator
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
PWM Off-Line Switching Regulator ICs
STR-W605XS SANKEN-STR-W605XS Datasheet
216Kb / 14P
PWM Off-Line Switching Regulator ICs
logo
Seiko Instruments Inc
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com