Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC162334 Datasheet (PDF) - Hitachi Semiconductor

HD74ALVC162334 Datasheet PDF - Hitachi Semiconductor
Part # HD74ALVC162334
Download  HD74ALVC162334 Download
File Size   52.23 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 16-bit Universal Bus Driver with 3-state Outputs

HD74ALVC162334 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74ALVC162334 Datasheet PDF - Hitachi Semiconductor

Part # HD74ALVC162334
Download  HD74ALVC162334 Click to download

File Size   52.23 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 16-bit Universal Bus Driver with 3-state Outputs

HD74ALVC162334 Datasheet (HTML) - Hitachi Semiconductor


HD74ALVC162334 Product details

Description
This HD74ALVC162334 is a 16-bit universal bus driver is designed for 2.3 V to 3.6 V VCC operation.
All outputs, which are designed to sink up to 12 mA, include equivalent 26 Ω resistors to reduce overshoot and undreshoot.

Features
• VCC = 2.3 V to 3.6 V
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±12 mA (@VCC = 3.0 V)
• All outputs have equivalent 26 Ω series resistors, so no external resistors are required




Similar Part No. - HD74ALVC162334

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC162244 HITACHI-HD74ALVC162244 Datasheet
52Kb / 11P
16-bit Buffer / Driver with 3-state Outputs
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
16-bit Buffer / Driver with 3-state Outputs
HD74ALVC162834 HITACHI-HD74ALVC162834 Datasheet
61Kb / 15P
18-bit Universal Bus Driver with 3-state Outputs and Inverted Latch Enable
HD74ALVC162834A HITACHI-HD74ALVC162834A Datasheet
62Kb / 16P
18-bit Universal Bus Driver with 3-state Outputs and Inverted Latch Enable
HD74ALVC162835 HITACHI-HD74ALVC162835 Datasheet
65Kb / 15P
18-bit Universal Bus Driver with 3-state Outputs
More results


Similar Description - HD74ALVC162334

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC162334 TI-SN74ALVC162334 Datasheet
133Kb / 10P
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162334 TI-SN74ALVCH162334 Datasheet
134Kb / 10P
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16334 TI-SN74ALVCH16334 Datasheet
134Kb / 10P
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16334 TI-SN74AVC16334 Datasheet
179Kb / 12P
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16334 HITACHI-HD74ALVC16334 Datasheet
56Kb / 13P
16-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH162334 HITACHI-HD74ALVCH162334 Datasheet
56Kb / 13P
16-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH16334 HITACHI-HD74ALVCH16334 Datasheet
56Kb / 13P
16-bit Universal Bus Driver with 3-state Outputs
logo
Pericom Semiconductor C...
PI74ALVC162334A PERICOM-PI74ALVC162334A Datasheet
87Kb / 5P
16-Bit Universal Bus Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVC16334 TI-SN74ALVC16334_07 Datasheet
216Kb / 13P
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16334 TI1-SN74AVC16334_09 Datasheet
372Kb / 16P
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com