Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC16244 Datasheet (PDF) - Hitachi Semiconductor

HD74ALVC16244 Datasheet PDF - Hitachi Semiconductor
Part # HD74ALVC16244
Download  HD74ALVC16244 Download
File Size   51.9 Kbytes
Page   11 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 16-bit Buffer / Driver with 3-state Outputs

HD74ALVC16244 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74ALVC16244 Datasheet PDF - Hitachi Semiconductor

Part # HD74ALVC16244
Download  HD74ALVC16244 Click to download

File Size   51.9 Kbytes
Page   11 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 16-bit Buffer / Driver with 3-state Outputs

HD74ALVC16244 Datasheet (HTML) - Hitachi Semiconductor


HD74ALVC16244 Product details

Description
This 16-bit buffer / driver is designed for 2.3 V to 3.6 V VCC operation.
The HD74ALVC16244 is designed specifically to improve the performance and density of 3-state memory address drivers, clock drivers, and bus oriented receivers and transmitters. The device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. It provides true outputs and symmetrical active-low output-enable (OE) inputs.

Features
• VCC = 2.3 V to 3.6 V
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@VCC = 3.0 V)




Similar Part No. - HD74ALVC16244

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC162244 HITACHI-HD74ALVC162244 Datasheet
52Kb / 11P
16-bit Buffer / Driver with 3-state Outputs
HD74ALVC162334 HITACHI-HD74ALVC162334 Datasheet
52Kb / 13P
16-bit Universal Bus Driver with 3-state Outputs
HD74ALVC162834 HITACHI-HD74ALVC162834 Datasheet
61Kb / 15P
18-bit Universal Bus Driver with 3-state Outputs and Inverted Latch Enable
HD74ALVC162834A HITACHI-HD74ALVC162834A Datasheet
62Kb / 16P
18-bit Universal Bus Driver with 3-state Outputs and Inverted Latch Enable
HD74ALVC162835 HITACHI-HD74ALVC162835 Datasheet
65Kb / 15P
18-bit Universal Bus Driver with 3-state Outputs
More results


Similar Description - HD74ALVC16244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ABT16241 TI-SN74ABT16241 Datasheet
137Kb / 8P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com