Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC160 Datasheet (PDF) - Hitachi Semiconductor

HD74HC160 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC160
Download  HD74HC160 Download
File Size   90.78 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)

HD74HC160 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC160 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC160
Download  HD74HC160 Click to download

File Size   90.78 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)

HD74HC160 Datasheet (HTML) - Hitachi Semiconductor


HD74HC160 Product details

Description

The HD74HC160 and the HD74HC162 are 4 bit decade counters, and the HD74HC161 and the HD74HC163 are 4 bit binary counters All flip-flops are clocked simultaneously on the low to high to transition (positive edge) of the clock input waveform.

These counters may be preset using the load input. Presetting of all four flip-flops is synchronous to thte rising edge of clock. When load is held low counting is disabled and the data on the A, B, C, and D inputs is loaded into the counter on the rising edge of clock. If the load input is taken high before the positive edge of clock the count operation will be unaffected.



Features

•  High Speed Operation: tpd(Clock to Q) = 18 ns typ (CL= 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max



 




Similar Part No. - HD74HC160

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC160 RENESAS-HD74HC160 Datasheet
159Kb / 15P
Synchronous Decade Counter (Direct Clear)
HD74HC160FPEL RENESAS-HD74HC160FPEL Datasheet
159Kb / 15P
Synchronous Decade Counter (Direct Clear)
HD74HC160P RENESAS-HD74HC160P Datasheet
159Kb / 15P
Synchronous Decade Counter (Direct Clear)
HD74HC160RPEL RENESAS-HD74HC160RPEL Datasheet
159Kb / 15P
Synchronous Decade Counter (Direct Clear)
More results


Similar Description - HD74HC160

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LS160A RENESAS-HD74LS160A Datasheet
203Kb / 11P
Synchronous Decade Counter (direct clear)
HD74LS161A RENESAS-HD74LS161A Datasheet
106Kb / 11P
Synchronous 4-bit Binary Counter (direct clear)
HD74LS163A RENESAS-HD74LS163A Datasheet
199Kb / 12P
Synchronous 4-bit Binary Counter (direct clear)
HD74HC160 RENESAS-HD74HC160 Datasheet
159Kb / 15P
Synchronous Decade Counter (Direct Clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
Synchronous 4-bit Binary Counter (Synchronous Clear)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com