Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC253 Datasheet (PDF) - Hitachi Semiconductor

HD74HC253 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC253
Download  HD74HC253 Download
File Size   33.34 Kbytes
Page   6 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)

HD74HC253 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC253 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC253
Download  HD74HC253 Click to download

File Size   33.34 Kbytes
Page   6 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)

HD74HC253 Datasheet (HTML) - Hitachi Semiconductor


HD74HC253 Product details

Description
The large output drive and 3-state features of this device make it ideally suited for interfacing with bus lines in bus organized systems. When the output control input is taken high, the multiplexer outputs are sent into a high impedance state.

Features
• High Speed Operation: tpd (Data to Y) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC253

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC253 RENESAS-HD74HC253 Datasheet
86Kb / 7P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
HD74HC253FPEL RENESAS-HD74HC253FPEL Datasheet
86Kb / 7P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
HD74HC253P RENESAS-HD74HC253P Datasheet
86Kb / 7P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
More results


Similar Description - HD74HC253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS253 TI-SN54ALS253 Datasheet
112Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F253 TI-SN54F253 Datasheet
97Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC253 TI-SN54HC253 Datasheet
122Kb / 8P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54LS253 TI-SN54LS253 Datasheet
635Kb / 14P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC353 HITACHI-HD74HC353 Datasheet
50Kb / 9P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
HD74LS253 HITACHI-HD74LS253 Datasheet
73Kb / 7P
Dual 4-line-to-1-line Data Selectors/Multiplexers(with three-state outputs)
logo
Texas Instruments
SN54LS353 TI-SN54LS353 Datasheet
145Kb / 4P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS253 RENESAS-HD74LS253 Datasheet
176Kb / 6P
Dual 4-line-to-1-line Data Selectors / Multiplexers (with three-state outputs)
HD74HC253 RENESAS-HD74HC253 Datasheet
86Kb / 7P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
logo
Texas Instruments
74ACT11353 TI1-74ACT11353 Datasheet
104Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com