Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC353 Datasheet (PDF) - Hitachi Semiconductor

HD74HC353 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC353
Download  HD74HC353 Download
File Size   50.57 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)

HD74HC353 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC353 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC353
Download  HD74HC353 Click to download

File Size   50.57 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)

HD74HC353 Datasheet (HTML) - Hitachi Semiconductor


HD74HC353 Product details

Description
Each of these data selectors/multiplexers contains inverters and drivers to supply full binary decoding data selection to the AND-OR-invert gates. Separate strobe inputs (G) are provided for each of the two four-line sections.

Features
• High Speed Operation: tpd (Data to Y) = 13 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC353

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC353 RENESAS-HD74HC353 Datasheet
182Kb / 7P
Dual 4-to-1-line Data Selectors/Multiplexers
HD74HC353P RENESAS-HD74HC353P Datasheet
182Kb / 7P
Dual 4-to-1-line Data Selectors/Multiplexers
HD74HC353RPEL RENESAS-HD74HC353RPEL Datasheet
182Kb / 7P
Dual 4-to-1-line Data Selectors/Multiplexers
More results


Similar Description - HD74HC353

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS253 TI-SN54ALS253 Datasheet
112Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F253 TI-SN54F253 Datasheet
97Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC253 TI-SN54HC253 Datasheet
122Kb / 8P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54LS253 TI-SN54LS253 Datasheet
635Kb / 14P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC253 HITACHI-HD74HC253 Datasheet
33Kb / 6P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
HD74LS253 HITACHI-HD74LS253 Datasheet
73Kb / 7P
Dual 4-line-to-1-line Data Selectors/Multiplexers(with three-state outputs)
logo
Texas Instruments
SN54LS353 TI-SN54LS353 Datasheet
145Kb / 4P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS253 RENESAS-HD74LS253 Datasheet
176Kb / 6P
Dual 4-line-to-1-line Data Selectors / Multiplexers (with three-state outputs)
HD74HC253 RENESAS-HD74HC253 Datasheet
86Kb / 7P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
logo
Texas Instruments
74ACT11353 TI1-74ACT11353 Datasheet
104Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com