Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC4024 Datasheet (PDF) - Hitachi Semiconductor

HD74HC4024 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC4024
Download  HD74HC4024 Download
File Size   47.75 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 7-stage Binary Counter

HD74HC4024 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC4024 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC4024
Download  HD74HC4024 Click to download

File Size   47.75 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 7-stage Binary Counter

HD74HC4024 Datasheet (HTML) - Hitachi Semiconductor


HD74HC4024 Product details

Description
The HD74HC4024 is a 7-stage counter. This device is incremented on the falling edge (negative transition) of the input clock, and all its output is reset to a low level by applying a logical high on its reset input.

Features
• High Speed Operation: tpd (Clock to Q1) = 14 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC4024

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4024 RENESAS-HD74HC4024 Datasheet
91Kb / 7P
7-stage Binary Counter
HD74HC4024FPEL RENESAS-HD74HC4024FPEL Datasheet
91Kb / 7P
7-stage Binary Counter
HD74HC4024P RENESAS-HD74HC4024P Datasheet
91Kb / 7P
7-stage Binary Counter
HD74HC4024RPEL RENESAS-HD74HC4024RPEL Datasheet
91Kb / 7P
7-stage Binary Counter
More results


Similar Description - HD74HC4024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
7-stage binary ripple counter
December 1990
HEF4024B PHILIPS-HEF4024B Datasheet
42Kb / 5P
7-stage binary counter
January 1995
logo
STMicroelectronics
M54HC4024 STMICROELECTRONICS-M54HC4024 Datasheet
246Kb / 11P
7 STAGE BINARY COUNTER
Oct-1992
logo
Toshiba Semiconductor
TC74HC4024AP TOSHIBA-TC74HC4024AP Datasheet
218Kb / 5P
7-STAGE BINARY COUNTER
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
7-stage binary ripple counter
Rev. 03-12 November 2004
logo
STMicroelectronics
M74HC4024 STMICROELECTRONICS-M74HC4024 Datasheet
322Kb / 10P
7 STAGE BINARY COUNTER
Jul-2001
logo
Renesas Technology Corp
HD74HC4024 RENESAS-HD74HC4024 Datasheet
91Kb / 7P
7-stage Binary Counter
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
7-stage binary ripple counter
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
7-stage binary ripple counter
Rev. 10 - 23 November 2018
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com