Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62G18512 Datasheet (PDF) - Hitachi Semiconductor

HM62G18512 Datasheet PDF - Hitachi Semiconductor
Part # HM62G18512
Download  HM62G18512 Download
File Size   121.97 Kbytes
Page   23 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8M Synchronous Fast Static RAM(512k-word x 18-bit)

HM62G18512 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM62G18512 Datasheet PDF - Hitachi Semiconductor

Part # HM62G18512
Download  HM62G18512 Click to download

File Size   121.97 Kbytes
Page   23 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8M Synchronous Fast Static RAM(512k-word x 18-bit)

HM62G18512 Datasheet (HTML) - Hitachi Semiconductor


HM62G18512 Product details

Description
The HM62G18512 is a synchronous fast static RAM organized as 512-kword × 18-bit. It has realized high speed access time by employing the most advanced CMOS process and high speed circuit designing technology. It is most appropriate for the application which requires high speed, high density memory and wide bit width configuration, such as cache and buffer memory in system. It is packaged in standard 119-bump BGA.

Features
• Power supply: 3.3 V +10%, –5%
• Clock frequency: 200 MHz to 250 MHz
• Internal self-timed late write
• Byte write control (2 byte write selects, one for each 9-bit)
• Optional ×36 configuration
• HSTL compatible I/O
• Programmable impedance output drivers
• User selective input trip-point
• Differential, HSTL clock inputs
• Asynchronous G output control
• Asynchronous sleep mode
• Limited set of boundary scan JTAG IEEE 1149.1 compatible
• Protocol: Single clock register-register mode




Similar Part No. - HM62G18512

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62G36256 HITACHI-HM62G36256 Datasheet
137Kb / 24P
8M Synchronous Fast Static RAM(256k-word x 36-bit)
HM62G36256BP-4 HITACHI-HM62G36256BP-4 Datasheet
137Kb / 24P
8M Synchronous Fast Static RAM(256k-word x 36-bit)
HM62G36256BP-5 HITACHI-HM62G36256BP-5 Datasheet
137Kb / 24P
8M Synchronous Fast Static RAM(256k-word x 36-bit)
More results


Similar Description - HM62G18512

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618B MOTOROLA-MCM67H618B Datasheet
167Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
logo
Hitachi Semiconductor
HM62G36256 HITACHI-HM62G36256 Datasheet
137Kb / 24P
8M Synchronous Fast Static RAM(256k-word x 36-bit)
logo
Cypress Semiconductor
CY62157DV18 CYPRESS-CY62157DV18 Datasheet
160Kb / 10P
8M (512K x 16) Static RAM
CY62157DV20 CYPRESS-CY62157DV20 Datasheet
173Kb / 10P
8M (512K x 16) Static RAM
logo
Motorola, Inc
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com