Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-7847_2015 Datasheet (PDF) - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7847_2015 Datasheet PDF - Quanzhou Jinmei Electronic Co.,Ltd.
Part # MC-7847_2015
Download  MC-7847_2015 Download
File Size   41.41 Kbytes
Page   6 Pages
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.
Description 870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER

MC-7847_2015 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-7847_2015 Datasheet PDF - Quanzhou Jinmei Electronic Co.,Ltd.

Part # MC-7847_2015
Download  MC-7847_2015 Click to download

File Size   41.41 Kbytes
Page   6 Pages
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.
Description 870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER

MC-7847_2015 Datasheet (HTML) - Quanzhou Jinmei Electronic Co.,Ltd.




Similar Part No. - MC-7847_2015

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7847-AZ CEL-MC-7847-AZ Datasheet
291Kb / 7P
870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7847-AZ RENESAS-MC-7847-AZ Datasheet
191Kb / 8P
GaAs MULTI-CHIP MODULE
2006
logo
NEC
MC-7847-KC NEC-MC-7847-KC Datasheet
94Kb / 2P
25 dB POWER DOUBLER AM PLI FI ER
logo
California Eastern Labs
MC-7847-KC CEL-MC-7847-KC Datasheet
229Kb / 3P
NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7847-KC-AZ CEL-MC-7847-KC-AZ Datasheet
229Kb / 3P
NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
More results


Similar Description - MC-7847_2015

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7847 CEL-MC-7847 Datasheet
291Kb / 7P
870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7847-KC CEL-MC-7847-KC_07 Datasheet
229Kb / 3P
NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
MC-7884 CEL-MC-7884_06 Datasheet
290Kb / 7P
870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA3747 ANADIGICS-ACA3747 Datasheet
607Kb / 6P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
ACA3748 ANADIGICS-ACA3748 Datasheet
433Kb / 4P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7846_2015 JMNIC-MC-7846_2015 Datasheet
41Kb / 6P
870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Skyworks Solutions Inc.
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
870 MHz, 25 dB Gain CATV Power Doubler Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com