Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6198S Datasheet (PDF) - Integrated Device Technology

IDT6198S Datasheet PDF - Integrated Device Technology
Part # IDT6198S
Download  IDT6198S Download
File Size   79.32 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control

IDT6198S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT6198S Datasheet PDF - Integrated Device Technology

Part # IDT6198S
Download  IDT6198S Click to download

File Size   79.32 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control

IDT6198S Datasheet (HTML) - Integrated Device Technology


IDT6198S Product details

DESCRIPTION:
The IDT6198 is a 65,536-bit high-speed static RAM organized as 16K x 4. It is fabricated using IDT’s high-performance, high-reliability technology—CMOS. This state-of-theart technology, combined with innovative circuit design techniques, provides a cost-effective approach for memory intensive applications. Timing parameters have been specified to meet the speed demands of the IDT79R3000 RISC processors.

FEATURES:
• High-speed (equal access and cycle times)
    — Military: 20/25/35/45/55/70/85ns (max.)
    — Commercial: 15/20/25/35ns (max.)
• Output Enable (OE) pin available for added system flexibility
• Low-power consumption
• JEDEC compatible pinout
• Battery back-up operation—2V data retention (L version only)
• 24-pin CERDIP, high-density 28-pin leadless chip carrier, and 24-pin SOJ
• Produced with advanced CMOS technology
• Bidirectional data inputs and outputs
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT6198S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116LA IDT-IDT6116LA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120DB IDT-IDT6116LA120DB Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120TDB IDT-IDT6116LA120TDB Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA150DB IDT-IDT6116LA150DB Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA20P IDT-IDT6116LA20P Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
More results


Similar Description - IDT6198S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
64K x 4 Bit Static RAM
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
64K x 4 Bit Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
CMOS STATIC RAM 256K (64K x 4-BIT)
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
CMOS STATIC RAM 16K (4K x 4-BIT)
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
CMOS STATIC RAM 64K 16K x 4-BIT
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
CMOS Static RAM 256K (64K x 4-Bit)
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com