Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723613 Datasheet (PDF) - Integrated Device Technology

IDT723613 Datasheet PDF - Integrated Device Technology
Part # IDT723613
Download  IDT723613 Download
File Size   193.2 Kbytes
Page   26 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS Clocked FIFO With Bus Matching and Byte Swapping 64 x 36

IDT723613 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT723613 Datasheet PDF - Integrated Device Technology

Part # IDT723613
Download  IDT723613 Click to download

File Size   193.2 Kbytes
Page   26 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS Clocked FIFO With Bus Matching and Byte Swapping 64 x 36

IDT723613 Datasheet (HTML) - Integrated Device Technology


IDT723613 Product details

DESCRIPTION
The IDT723613 is a monolithic, high-speed, low-power, CMOS synchronous (clocked) FIFO memory which supports clock frequencies up to 67 MHz and has read-access times as fast as 10 ns.

FEATURES
• Free-running CLKA and CLKB may be asynchronous or
   coincident (permits simultaneous reading and writing of data on
   a single clock edge)
• 64 x 36 storage capacity FIFO buffering data from Port A to
   Port B
• Mailbox bypass registers in each direction
• Dynamic Port B bus sizing of 36 bits (long word), 18-bits (word),
   and 9 bits (byte)
• Selection of Big- or Little-Endian format for word and byte bus
   sizes
• Three modes of byte-order swapping on Port B
• Programmable Almost-Full and Almost-Empty flags
• Microprocessor interface control logic
• FF, AF flags synchronized by CLKA
• EF, AE flags synchronized by CLKB
• Passive parity checking on each Port
• Parity Generation can be selected for each Port
• Supports clock frequencies up to 67 MHz
• Fast access times of 10 ns
• Available in 132-pin quad flatpack (PQFP) or space-saving
   120-pin thin quad flatpack (TQFP)
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see orderng information




Similar Part No. - IDT723613

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723613 RENESAS-IDT723613 Datasheet
591Kb / 27P
CMOS CLOCKED FIFO WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36
JANUARY 2009
More results


Similar Description - IDT723613

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT3614 TI-SN54ABT3614 Datasheet
646Kb / 42P
64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613 TI-SN74ABT3613 Datasheet
460Kb / 32P
64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3614 TI-SN74ABT3614 Datasheet
636Kb / 41P
64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
logo
Integrated Device Techn...
IDT723614 IDT-IDT723614 Datasheet
499Kb / 39P
CMOS SyncBiFIFOO WITH BUS MATCHING AND BYTE SWAPPING 64 x 36 x 2
logo
Texas Instruments
SN74ABT3613 TI1-SN74ABT3613_05 Datasheet
551Kb / 35P
CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
logo
Renesas Technology Corp
IDT72V3613 RENESAS-IDT72V3613 Datasheet
544Kb / 26P
3.3 VOLT CMOS CLOCKED FIFO WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36
JANUARY 2014
IDT72V3614 RENESAS-IDT72V3614 Datasheet
665Kb / 33P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36 x 2
JANUARY 2014
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
IDT723613 RENESAS-IDT723613 Datasheet
591Kb / 27P
CMOS CLOCKED FIFO WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36
JANUARY 2009
IDT723616 RENESAS-IDT723616 Datasheet
570Kb / 27P
CMOS TRIPLE BUS SyncFIFO™ WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36 x 2
FEBRUARY 2009
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com