Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT723614 Datasheet (PDF) - Integrated Device Technology

IDT723614 Datasheet PDF - Integrated Device Technology
Part # IDT723614
Download  IDT723614 Download
File Size   499.04 Kbytes
Page   39 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS SyncBiFIFOO WITH BUS MATCHING AND BYTE SWAPPING 64 x 36 x 2

IDT723614 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT723614 Datasheet PDF - Integrated Device Technology

Part # IDT723614
Download  IDT723614 Click to download

File Size   499.04 Kbytes
Page   39 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS SyncBiFIFOO WITH BUS MATCHING AND BYTE SWAPPING 64 x 36 x 2

IDT723614 Datasheet (HTML) - Integrated Device Technology


IDT723614 Product details

DESCRIPTION:
The IDT723614 is a monolithic, high-speed, low-power BiCMOS bidirectional clocked FIFO memory. It supports clock frequencies up to 67MHz and has read access times as fast as 10ns. Two independent 64 x 36 dual-port SRAM FIFOs on board the chip buffer data in opposite directions.
   
FEATURES:
• Free-running CLKA and CLKB can be asynchronous or
    coincident (simultaneous reading and writing of data on a
    single clock edge is permitted)
• Two independent clocked FIFOs (64 x 36 storage
    capacity each) buffering data in opposite directions
• Mailbox bypass Register for each FIFO
• Dynamic Port B bus sizing of 36-bits (long word), 18-bits
    (word), and 9-bits (byte)
• Selection of Big- or Little-Endian format for word and
    byte bus sizes
• Three modes of byte-order swapping on port B
• Programmable Almost-Full and Almost-Empty Flags
• Microprocessor interface control logic
• EFA, FFA, AEA, and AFA flags synchronized by CLKA
• EFB, FFB, AEB, and AFB flags synchronized by CLKB
• Passive parity checking on each port
• Parity generation can be selected for each port
• Low-power advanced BiCMOS technology
• Supports clock frequencies up to 67 MHz
• Fast access times of 10 ns
• Available in 132-pin plastic quad flat package (PQF) or
    space-saving 120-pin thin quad flat package (TQFP)
• Industrial temperature range (-40°C to +85°C) is
    available, tested to military electrical specifications
   




Similar Part No. - IDT723614

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723611 IDT-IDT723611 Datasheet
236Kb / 20P
CMOS SyncFIFO 64 x 36
logo
Renesas Technology Corp
IDT723611 RENESAS-IDT723611 Datasheet
527Kb / 21P
CMOS SyncFIFOTM
FEBRUARY 2009
logo
Integrated Device Techn...
IDT723612 IDT-IDT723612 Datasheet
350Kb / 29P
BiCMOS SyncBiFIFOO 64 x 36 x 2
logo
Renesas Technology Corp
IDT723612 RENESAS-IDT723612 Datasheet
611Kb / 26P
CMOS SyncBiFIFOTM 64 x 36 x 2
FEBRUARY 2009
logo
Integrated Device Techn...
IDT723612L15PF IDT-IDT723612L15PF Datasheet
350Kb / 29P
BiCMOS SyncBiFIFOO 64 x 36 x 2
More results


Similar Description - IDT723614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT3613 TI-SN74ABT3613 Datasheet
460Kb / 32P
64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
logo
Integrated Device Techn...
IDT723612 IDT-IDT723612 Datasheet
350Kb / 29P
BiCMOS SyncBiFIFOO 64 x 36 x 2
IDT723613 IDT-IDT723613 Datasheet
193Kb / 26P
CMOS Clocked FIFO With Bus Matching and Byte Swapping 64 x 36
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3613 RENESAS-IDT72V3613 Datasheet
544Kb / 26P
3.3 VOLT CMOS CLOCKED FIFO WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36
JANUARY 2014
IDT72V3614 RENESAS-IDT72V3614 Datasheet
665Kb / 33P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36 x 2
JANUARY 2014
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT723613 RENESAS-IDT723613 Datasheet
591Kb / 27P
CMOS CLOCKED FIFO WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36
JANUARY 2009
IDT723616 RENESAS-IDT723616 Datasheet
570Kb / 27P
CMOS TRIPLE BUS SyncFIFO™ WITH BUS-MATCHING AND BYTE SWAPPING 64 x 36 x 2
FEBRUARY 2009
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com