Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ73A Datasheet (PDF) - Intersil Corporation

BUZ73A Datasheet PDF - Intersil Corporation
Part # BUZ73A
Download  BUZ73A Download
File Size   42.66 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5.8A, 200V, 0.600 Ohm, N-Channel Power MOSFET

BUZ73A Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ73A Datasheet PDF - Intersil Corporation

Part # BUZ73A
Download  BUZ73A Click to download

File Size   42.66 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5.8A, 200V, 0.600 Ohm, N-Channel Power MOSFET

BUZ73A Datasheet (HTML) - Intersil Corporation


BUZ73A Product details

This is an N-Channel enhancement mode silicon gate power
field effect transistor designed for applications such as
switching regulators, switching converters, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
This type can be operated directly from integrated circuits.
Formerly developmental type TA4600.

Features
• 5.8A, 200V
• rDS(ON) = 0.600Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”




Similar Part No. - BUZ73A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ73A SIEMENS-BUZ73A Datasheet
182Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ73A INFINEON-BUZ73A Datasheet
86Kb / 8P
SIPMOS Power Transistor
05.99
BUZ73A INFINEON-BUZ73A Datasheet
1Mb / 10P
SIPMOS Power Transistor
Rev. 2.4 2009-11-10
logo
Comset Semiconductor
BUZ73A COMSET-BUZ73A Datasheet
104Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Inchange Semiconductor ...
BUZ73A ISC-BUZ73A Datasheet
66Kb / 2P
Fast Switching Speed
More results


Similar Description - BUZ73A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HP4936DY FAIRCHILD-HP4936DY Datasheet
152Kb / 6P
5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET
logo
Intersil Corporation
HP4936DY INTERSIL-HP4936DY Datasheet
84Kb / 5P
5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET
1999 08
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
June 1999
IRFD210 INTERSIL-IRFD210 Datasheet
52Kb / 6P
0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
RFP8N20L INTERSIL-RFP8N20L Datasheet
38Kb / 5P
8A, 200V, 0.600 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
logo
Fairchild Semiconductor
IRFD220 FAIRCHILD-IRFD220 Datasheet
91Kb / 7P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
FDS5692Z FAIRCHILD-FDS5692Z Datasheet
121Kb / 6P
N-Channel UltraFET Trench MOSFET 50V, 5.8A, 24m Ohm
logo
New Jersey Semi-Conduct...
RFP8N20L NJSEMI-RFP8N20L Datasheet
97Kb / 2P
8A, 200V, 0.600 Ohm, Logic Level, N-Channel Power MOSFET
logo
E-CMOS Corporation
EC733322 E-CMOS-EC733322 Datasheet
321Kb / 4P
30V, 5.8A N-Channel MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com