Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3424 Datasheet (PDF) - Intersil Corporation

HFA3424 Datasheet PDF - Intersil Corporation
Part # HFA3424
Download  HFA3424 Download
File Size   43.09 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.4GHz - 2.5GHz Low Noise Amplifier

HFA3424 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3424 Datasheet PDF - Intersil Corporation

Part # HFA3424
Download  HFA3424 Click to download

File Size   43.09 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.4GHz - 2.5GHz Low Noise Amplifier

HFA3424 Datasheet (HTML) - Intersil Corporation


HFA3424 Product details

The Intersil 2.4GHz PRISM™ chip set is a highly integrated five-chip solution for RF modems employing Direct Sequence Spread Spectrum (DSSS) signaling. The HFA3424 2.4GHz - 2.5GHz low noise amplifier is an optional chip that can be added to the five chips in the PRISM™ chip set. The HFA3424 offers increased sensitivity for systems targeting 802.11 specifications. (See Figure 1, the Typical Application Diagram.)

Features
• Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . . . . 1.90dB
• High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14dB
• Low Power Consumption . . . . . . . . . . . . . . 3V to 5V, 5mA
• High Dynamic Range
• DC Decoupled RF Input and Output
• No External RF Tuning Elements Necessary
• Low Cost SOIC 8 Lead Plastic Package

Applications
• Systems Targeting IEEE 802.11 Standard
• TDD Quadrature-Modulated Communication Systems
• Wireless Local Area Networks
• PCMCIA Wireless Transceivers
• ISM Systems
• TDMA Packet Protocol Radios
• PCS/Wireless PBX
• Wireless Local Loop




Similar Part No. - HFA3424

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3421 INTERSIL-HFA3421 Datasheet
30Kb / 3P
1.7GHz - 2.3GHz Low Noise Amplifier
September 1997
HFA3421IB INTERSIL-HFA3421IB Datasheet
30Kb / 3P
1.7GHz - 2.3GHz Low Noise Amplifier
September 1997
HFA3421IB96 INTERSIL-HFA3421IB96 Datasheet
30Kb / 3P
1.7GHz - 2.3GHz Low Noise Amplifier
September 1997
More results


Similar Description - HFA3424

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2472 RFMD-RF2472 Datasheet
183Kb / 8P
2.4GHZ LOW NOISE AMPLIFIER WITH ENABLE
logo
Intersil Corporation
HFA3925 INTERSIL-HFA3925 Datasheet
95Kb / 9P
2.4GHz - 2.5GHz 250mW Power Amplifier
July 1998
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
RF Micro Devices
RF2472 RFMD-RF2472_06 Datasheet
225Kb / 10P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472 RFMD-RF2472_1 Datasheet
329Kb / 12P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RFPA5201E RFMD-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
WiFi Power Amplifier 2.4GHz to 2.5GHz
RF2472G RFMD-RF2472G_11 Datasheet
219Kb / 11P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
logo
Qorvo, Inc
RFPA5201E QORVO-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com