Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3925 Datasheet (PDF) - Intersil Corporation

HFA3925 Datasheet PDF - Intersil Corporation
Part # HFA3925
Download  HFA3925 Download
File Size   95.7 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.4GHz - 2.5GHz 250mW Power Amplifier

HFA3925 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3925 Datasheet PDF - Intersil Corporation

Part # HFA3925
Download  HFA3925 Click to download

File Size   95.7 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.4GHz - 2.5GHz 250mW Power Amplifier

HFA3925 Datasheet (HTML) - Intersil Corporation


HFA3925 Product details

The Intersil 2.4GHz PRISM™ chip set is a highly integrated five-chip solution for RF modems employing Direct Sequence Spread Spectrum (DSSS) signaling. The HFA3925 2.4GHz-2.5GHz, 250mW power amplifier is one of the five chips in the PRISM™ chip set (see the Typical Application Diagram).

Features
• Highly Integrated Power Amplifier with T/R Switch
• Operates Over 2.7V to 6V Supply Voltage
• High Linear Output Power (P1dB: +24dBm)
• Individual Gate Control for Each Amplifier Stage
• Low Cost SSOP-28 Plastic Package

Applications
• Systems Targeting IEEE 802.11 Standard
• TDD Quadrature-Modulated Communication Systems
• Wireless Local Area Networks
• PCMCIA Wireless Transceivers
• ISM Systems
• TDMA Packet Protocol Radios
• PCS/Wireless PBX




Similar Part No. - HFA3925

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3926 INTERSIL-HFA3926 Datasheet
69Kb / 7P
2.0GHz - 2.7GHz 250mW Power Amplifier
July 1998
HFA3926IA INTERSIL-HFA3926IA Datasheet
69Kb / 7P
2.0GHz - 2.7GHz 250mW Power Amplifier
July 1998
HFA3926IA96 INTERSIL-HFA3926IA96 Datasheet
69Kb / 7P
2.0GHz - 2.7GHz 250mW Power Amplifier
July 1998
More results


Similar Description - HFA3925

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3424 INTERSIL-HFA3424 Datasheet
43Kb / 5P
2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFPA5201E RFMD-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
WiFi Power Amplifier 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFPA5201E QORVO-RFPA5201E Datasheet
248Kb / 7P
WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com