Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3665 Datasheet (PDF) - Intersil Corporation

HFA3665 Datasheet PDF - Intersil Corporation
Part # HFA3665
Download  HFA3665 Download
File Size   73.89 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CDMA/AMPS Downconverter with AGC Capability

HFA3665 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3665 Datasheet PDF - Intersil Corporation

Part # HFA3665
Download  HFA3665 Click to download

File Size   73.89 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CDMA/AMPS Downconverter with AGC Capability

HFA3665 Datasheet (HTML) - Intersil Corporation


HFA3665 Product details

Description
The HFA3665 is a monolithic bipolar downconverter for CDMA/AMPS cellular applications. Manufactured in the Intersil UHF1X process, the device consists of a low noise cascode amplifier, a double balanced downconversion mixer and a pair of linearized and temperature compensated PIN diode biasing current sources for external RF AGC applications.

Features
• RF Frequency Range. . . . . . . . . . . . 869MHz to 895MHz
• IF Operation . . . . . . . . . . . . . . . . . . . . 10MHz to 100MHz
• LNA Gain. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16dB
• LNA NF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3dB
• Mixer Gain. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16dB
• Mixer NF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11dB
• Single Supply Battery Operation . . . . . . . . 2.7V to 3.3V
• Power Enable/Disable Control
• PIN Diode Attenuator DC Control

Applications
• IS95A CDMA/AMPS Dual Mode Handsets
• Wideband CDMA Handsets
• CDMA/TDMA Packet Protocol Radios
• Full Duplex Transceivers
• Portable Battery Powered Equipment




Similar Part No. - HFA3665

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3661 INTERSIL-HFA3661 Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
February 1999
HFA3661IA INTERSIL-HFA3661IA Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
1999 02
HFA3661IA INTERSIL-HFA3661IA Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
February 1999
HFA3661IA96 INTERSIL-HFA3661IA96 Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
1999 02
HFA3661IA96 INTERSIL-HFA3661IA96 Datasheet
45Kb / 5P
2.0GHz to 2.7GHz DownConverter
February 1999
More results


Similar Description - HFA3665

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
logo
RF Micro Devices
RF2456 RFMD-RF2456 Datasheet
261Kb / 8P
CDMA/FM DOWNCONVERTER
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
3V CDMA RECEIVE AGC AMPLIFIER
RF2690 RFMD-RF2690 Datasheet
259Kb / 16P
W-CDMA RECEIVE AGC AND DEMODULATOR
logo
Intersil Corporation
HFA3667 INTERSIL-HFA3667 Datasheet
189Kb / 6P
CDMA/AMPS, UpConverter with Gain Control
September 1998
HFA3767 INTERSIL-HFA3767 Datasheet
150Kb / 6P
130MHz CDMA/AMPS Quadrature Modulator and AGC
February 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com