Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3767 Datasheet (PDF) - Intersil Corporation

HFA3767 Datasheet PDF - Intersil Corporation
Part # HFA3767
Download  HFA3767 Download
File Size   150.42 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 130MHz CDMA/AMPS Quadrature Modulator and AGC

HFA3767 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3767 Datasheet PDF - Intersil Corporation

Part # HFA3767
Download  HFA3767 Click to download

File Size   150.42 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 130MHz CDMA/AMPS Quadrature Modulator and AGC

HFA3767 Datasheet (HTML) - Intersil Corporation


HFA3767 Product details

The HFA3767 is a monolithic bipolar quadrature modulator with gain control for CDMA/AMPS cellular applications. An upconverter quadrature mixer and an output gain control stage with better than 70dB of dynamic range are integrated in the design. A local oscillator input requires low drive levels and a divide by two phase shifter with duty cycle compensation achieves excellent phase and amplitude balance properties. The HFA3767 is one of the four chips in the PRISM™ chip set and is housed in a 20 lead SSOP package ideally suited to cellular handset applications.

Features
• I/Q Amplitude and Phase Balance . . . . . . . . . . . 0.5dB, 2°
• 130MHz AGC Amplifier/Attenuator range . . . . . . . .>70dB
• Low LO Drive Level . . . . . . . . . . . . . . . . . . . . . . . .-10dBm
• Power Enable/Disable Control
• Single Supply Battery Operation . . . . . . . . . . . 2.7 to 3.3V

Applications
• IS95A CDMA/AMPS Dual Mode Handsets
• Wideband CDMA Handsets
• Full Duplex Transceivers
• CDMA/TDMA Packet Protocol Radios
• Portable Battery Powered Equipment




Similar Part No. - HFA3767

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
400MHz AGC and Quadrature IF Demodulator
July 1999
HFA3761IN INTERSIL-HFA3761IN Datasheet
68Kb / 9P
400MHz AGC and Quadrature IF Demodulator
July 1999
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
HFA3763IN INTERSIL-HFA3763IN Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
HFA3765 INTERSIL-HFA3765 Datasheet
658Kb / 6P
AGC and Quadrature IF Demodulator
February 1998
More results


Similar Description - HFA3767

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
Intersil Corporation
HFA3665 INTERSIL-HFA3665 Datasheet
73Kb / 8P
CDMA/AMPS Downconverter with AGC Capability
May 1999
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
36Kb / 3P
SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
logo
RF Micro Devices
RF2483 RFMD-RF2483_06 Datasheet
524Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_1 Datasheet
753Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_11 Datasheet
3Mb / 34P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com