Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3761 Datasheet (PDF) - Intersil Corporation

HFA3761 Datasheet PDF - Intersil Corporation
Part # HFA3761
Download  HFA3761 Download
File Size   68.18 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 400MHz AGC and Quadrature IF Demodulator

HFA3761 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3761 Datasheet PDF - Intersil Corporation

Part # HFA3761
Download  HFA3761 Click to download

File Size   68.18 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 400MHz AGC and Quadrature IF Demodulator

HFA3761 Datasheet (HTML) - Intersil Corporation


HFA3761 Product details

The HFA3761 is a highly integrated baseband converter for quadrature demodulation applications. The HFA3761 400MHz AGC and quadrature IF demodulator is one of the seven chips in the PRISM® full duplex chip set (see Typical Application Diagram). It features all the necessary blocks for baseband demodulation of I and Q signals. It has a two stage integrated AGC IF amplifier with 82dB of voltage gain and 76dB of gain control range. Baseband antialiasing and shaping filters are integrated in the design. Four filter bandwidths are programmable via a two bit digital control interface. In addition, these filters are continuously tunable over a ±20% frequency range via one external resistor. To achieve broadband operation, the Local Oscillator frequency input is required to be twice the desired frequency of demodulation. A selectable buffered divide by 2 LO output and a stable reference voltage are provided for convenience of the user. The device is housed in a thin 80 lead TQFP package well suited for PCMCIA board applications.

Features
• Integrates all IF and AGC Receive Functions
• Broad Frequency Range . . . . . . . . . . 10MHz to 400MHz
• I/Q Amplitude and Phase Balance . . . . 0.2dB, 2 Degrees
• 5th Order Programmable
   Low Pass Filter . . . . . . . . . . . . . . . . . 2.2MHz to 17.6MHz
• 400MHz AGC Gain Strip . . . . . . . . . . . . . . . . . . . . . 82dB
• AGC Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75dB
• Low LO Drive Level . . . . . . . . . . . . . . . . . . . . . . . -15dBm
• Fast AGC Switching . . . . . . . . . . . . . . . . . . . . . . . . . . 1µs
• Power Management/Standby Mode
• Single Supply 2.7V to 5.5V Operation

Applications
• Wireless Local Loop
• Wireless Local Area Networks
• PCMCIA Wireless Transceivers
• ISM Systems
• CDMA Radios
• PCS/Wireless PBX




Similar Part No. - HFA3761

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
HFA3763IN INTERSIL-HFA3763IN Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
HFA3765 INTERSIL-HFA3765 Datasheet
658Kb / 6P
AGC and Quadrature IF Demodulator
February 1998
HFA3765IA INTERSIL-HFA3765IA Datasheet
658Kb / 6P
AGC and Quadrature IF Demodulator
February 1998
HFA3765IA96 INTERSIL-HFA3765IA96 Datasheet
658Kb / 6P
AGC and Quadrature IF Demodulator
February 1998
More results


Similar Description - HFA3761

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2667 RFMD-RF2667 Datasheet
129Kb / 10P
RECEIVE AGC AND DEMODULATOR
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Linear Technology
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
400MHz Quadrature IF Demodulator with RSSI
logo
Intersil Corporation
HFA3765 INTERSIL-HFA3765 Datasheet
658Kb / 6P
AGC and Quadrature IF Demodulator
February 1998
logo
Analog Devices
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
Quadrature Demodulator
REV. B
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
Quadrature Demodulator
12/13-Rev. A to Rev. B
logo
Linear Technology
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
400MHz Quadrature IF Demodulator with RSSI
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com