Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3726 Datasheet (PDF) - Intersil Corporation

HFA3726 Datasheet PDF - Intersil Corporation
Part # HFA3726
Download  HFA3726 Download
File Size   162.01 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 400MHz Quadrature IF Modulator/Demodulator

HFA3726 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3726 Datasheet PDF - Intersil Corporation

Part # HFA3726
Download  HFA3726 Click to download

File Size   162.01 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 400MHz Quadrature IF Modulator/Demodulator

HFA3726 Datasheet (HTML) - Intersil Corporation


HFA3726 Product details

The HFA3726 is a highly integrated baseband converter for quadrature modulation applications.

Features
• Integrates all IF Transmit and Receive Functions
• Broad Frequency Range . . . . . . . . . . . 10MHz to 400MHz
• 5th Order Low Pass Filter. . . . . . . . . . . . . . . . . . . .7.7MHz
• 400MHz Limiting IF Gain Strip with RSSI. . . . . . . . . .84dB
• Low LO Drive Level . . . . . . . . . . . . . . . . . . . . . . . -15dBm
• Fast Transmit-Receive Switching . . . . . . . . . . . . . . . . . 1µs
• Power Management/Standby Mode
• Single Supply 2.7V to 5.5V Operation

Applications
• Systems Targeting IEEE 802.11 Standard
• TDD Quadrature-Modulated Communication Systems
• Wireless Local Area Networks
• PCMCIA Wireless Transceivers
• ISM Systems
• TDMA Packet Protocol Radios
• PCS/Wireless PBX
• Wireless Local Loop




Similar Part No. - HFA3726

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3724IN INTERSIL-HFA3724IN Datasheet
186Kb / 24P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3724IN96 INTERSIL-HFA3724IN96 Datasheet
186Kb / 24P
400MHz Quadrature IF Modulator/Demodulator
November 1999
More results


Similar Description - HFA3726

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
QUADRATURE MODULATOR/DEMODULATOR
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
IF Modulator/Demodulator IC
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
400MHz AGC and Quadrature IF Demodulator
July 1999
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Linear Technology
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
400MHz Quadrature IF Demodulator with RSSI
logo
RF Micro Devices
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
logo
Linear Technology
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
400MHz Quadrature IF Demodulator with RSSI
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com