Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3026AEVAL Datasheet (PDF) - Intersil Corporation

HI3026AEVAL Datasheet PDF - Intersil Corporation
Part # HI3026AEVAL
Download  HI3026AEVAL Download
File Size   206.45 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 140 MSPS, Flash A/D Converter

HI3026AEVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
HI3026AEVAL Datasheet PDF - Intersil Corporation

Part # HI3026AEVAL
Download  HI3026AEVAL Click to download

File Size   206.45 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 140 MSPS, Flash A/D Converter

HI3026AEVAL Datasheet (HTML) - Intersil Corporation


HI3026AEVAL Product details

Description
The HI3026A is an 8-bit, high-speed, flash analog-to-digital converter optimized for high speed, low power, and ease of use. With a 140 MSPS encode rate capability and full-power analog bandwidth of 150MHz, this component is ideal for applications requiring the highest possible dynamic performance.

Features
• Differential Linearity Error . . . . . . . . . . . . . . . ±0.5 LSB
• Integral Linearity Error . . . . . . . . . . . . . . . . . . ±0.5 LSB
• Integral Linearity Compensation Circuit
• Low Input Capacitance . . . . . . . . . . . . . . . . . . . . . 21pF
• Wide Analog Input Bandwidth . . . . . . . . . . . . . 150MHz
• Low Power Consumption . . . . . . . . . . . . . . . . . 790mW
• Internal 1/2 Frequency Divider Circuit (With Reset Function)
• CLK/2 Clock Output Pin
• Compatible with ECL, PECL and TTL Digital Input Levels
• 1:2 Demultiplexed Output
• Direct Replacement for Sony CXA3026A

Applications
• RGB Graphics Processing (LCD, PDP)
• Digital Oscilloscopes
• Digital Communications (QPSK, QAM)
• Magnetic Recording (PRML)




Similar Part No. - HI3026AEVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3026AEVAL INTERSIL-HI3026AEVAL Datasheet
724Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
March 2003
More results


Similar Description - HI3026AEVAL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Analog Devices
AD9483 AD-AD9483 Datasheet
319Kb / 26P
Triple 8-Bit, 140 MSPS A/D Converter
REV.A
logo
fujitsu semiconductor
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
MB40C318V FUJITSU-MB40C318V Datasheet
171Kb / 16P
8-bit 140 MSPS A/D Converter
logo
Intersil Corporation
HI1826 INTERSIL-HI1826 Datasheet
52Kb / 8P
6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
6-Bit, 140 MSPS, Flash A/D Converter
August 2000
HI3026A INTERSIL-HI3026A_03 Datasheet
724Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
March 2003
logo
Analog Devices
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
Triple 8-Bit, 140 MSPS A/D Converter
REV. C
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com