Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3304 Datasheet (PDF) - Intersil Corporation

HI3304 Datasheet PDF - Intersil Corporation
Part # HI3304
Download  HI3304 Download
File Size   117.76 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Bit, 25 MSPS, Flash A/D Converter

HI3304 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI3304 Datasheet PDF - Intersil Corporation

Part # HI3304
Download  HI3304 Click to download

File Size   117.76 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Bit, 25 MSPS, Flash A/D Converter

HI3304 Datasheet (HTML) - Intersil Corporation


HI3304 Product details

Description
The Intersil HI3304 is a CMOS parallel (FLASH) analog-todigital converter designed for applications demanding both low-power consumption and high speed digitization. Digitizing at 25MHz, for example, requires only about 35mW.

Features
• CMOS Low Power (Typ) . . . . . . . . . . . . . . . . . . . 35mW
• Parallel Conversion Technique
• Single Power Supply Voltage . . . . . . . . . . . . 3V to 7.5V
• Sampling Rate at 5V Supply . . . . . . . . . . . . . . . . . 25MHz
• 4-Bit Latched Three-State Output with Overflow and Data Change Outputs
• Maximum Nonlinearity. . . . . . . . . . . . . . . . . . . . 1/8 LSB
• Inherent Resistance to Latch-Up
• Bipolar Input Range with Optional Second Supply
• Input Bandwidth (Typ). . . . . . . . . . . . . . . . . . . . . 40MHz
• Linearity (INL, DNL):
    - HI3304JIP . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.25 LSB
    - HI3304JIB . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.25 LSB
• Sampling Rate:
    - HI3304JIP . . . . . . . . . . . . . . . . . . . . . . . .25MHz (40ns)
    - HI3304JIB . . . . . . . . . . . . . . . . . . . . . . . .25MHz (40ns)

Applications
• Video Digitizing
• High Speed Data Acquisition
• Digital Communication Systems
• Radar Signal Processing




Similar Part No. - HI3304

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
289Kb / 12P
4-Bit, 25 MSPS, Flash A/D Converter
November 2002
HI3304JIB INTERSIL-HI3304JIB Datasheet
289Kb / 12P
4-Bit, 25 MSPS, Flash A/D Converter
November 2002
HI3304JIP INTERSIL-HI3304JIP Datasheet
289Kb / 12P
4-Bit, 25 MSPS, Flash A/D Converter
November 2002
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
4-Bit, 25 MSPS, Flash A/D Converter
November 2002
More results


Similar Description - HI3304

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Intersil Corporation
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
4-Bit, 25 MSPS, Flash A/D Converters
August 1997
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
4-Bit, 25 MSPS, Flash A/D Converters
November 2002
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
4-Bit, 25 MSPS, Flash A/D Converter
November 2002
logo
Cadeka Microcircuits LL...
CDK1304 CADEKA-CDK1304 Datasheet
1Mb / 11P
10-bit, 25 MSPS 135mW A/D Converter
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
12-Bit 25 MSPS A/D Converter
REV. 0
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com