Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3318 Datasheet (PDF) - Intersil Corporation

HI3318 Datasheet PDF - Intersil Corporation
Part # HI3318
Download  HI3318 Download
File Size   109.09 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 15 MSPS, Flash A/D Converter

HI3318 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI3318 Datasheet PDF - Intersil Corporation

Part # HI3318
Download  HI3318 Click to download

File Size   109.09 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 15 MSPS, Flash A/D Converter

HI3318 Datasheet (HTML) - Intersil Corporation


HI3318 Product details

Description
The HI3318 is a CMOS parallel (FLASH) analog-to-digital converter designed for applications demanding both low power consumption and high speed digitization.

Features
• CMOS Low Power (Typ). . . . . . . . . . . . . . . . . . . 150mW
• Parallel Conversion Technique
• Sampling Rate at 5V Supply . . . . . . . . . . . . . . . . 15MHz
• 8-Bit Latched Three-State Output with Overflow Bit
• Accuracy (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . . ±1 LSB
• Single Supply Voltage . . . . . . . . . . . . . . . . . . 4V to 7.5V
• Linearity (INL):
    - HI3318JIP . . . . . . . . . . . . . . . . . . . . . . . . . . . ±1.5 LSB
    - HI3318JIB . . . . . . . . . . . . . . . . . . . . . . . . . . . ±1.5 LSB
• Sampling Rate:
    - HI3318JIP . . . . . . . . . . . . . . . . . . . . . . . 15MHz (67ns)
    - HI3318JIB . . . . . . . . . . . . . . . . . . . . . . . 15MHz (67ns)
• Video Digitizing
• High-Speed A/D Conversion
• Medical Imaging
• Radar Signal Processing
• Digital Communications Systems




Similar Part No. - HI3318

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HI3312X101R-10 ETC2-HI3312X101R-10 Datasheet
310Kb / 3P
Part Number Nomenclature
HI3312X101R-10 ETC2-HI3312X101R-10 Datasheet
1Mb / 4P
Ferrite EMI Chip Beads
logo
Laird Tech Smart Techno...
HI3312X101R-10 LSTD-HI3312X101R-10 Datasheet
145Kb / 1P
this print is the property of laird tech
More results


Similar Description - HI3318

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
8-bit 125 MSPS Flash A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
8-Bit, 125 MSPS Flash A/D Converter
April 1995
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
6-Bit, 15 MSPS, Flash A/D Converter
December 1997
logo
Fairchild Semiconductor
SPT7750 FAIRCHILD-SPT7750 Datasheet
90Kb / 8P
8-BIT, 500 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com