Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-1115RH Datasheet (PDF) - Intersil Corporation

HS-1115RH Datasheet PDF - Intersil Corporation
Part # HS-1115RH
Download  HS-1115RH Download
File Size   42.36 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier

HS-1115RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-1115RH Datasheet PDF - Intersil Corporation

Part # HS-1115RH
Download  HS-1115RH Click to download

File Size   42.36 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier

HS-1115RH Datasheet (HTML) - Intersil Corporation


HS-1115RH Product details

Description
The HS-1115RH is a radiation hardened, high speed closed loop buffer featuring both user programmable gain and output limiting. They are QML approved and processed in full compliance with MIL-PRF-38535. Manufactured in proprietary, complementary bipolar UHF-1 (DI bonded wafer) process, the HS-1115RH also offers a wide -3dB bandwidth of 225MHz, very fast slew rate, excellent gain flatness and high output current.

Features
• Electrically Screened to SMD 5962F9678501VPA
• MIL-PRF-38535 Class V Compliant
• User Programmable Output Voltage Limiting
• User Programmable For Closed-Loop Gains of +1, -1 or +2 Without Use of External Resistors
• Standard Operational Amplifier Pinout
• Fast Overdrive Recovery . . . . . . . . . . . . . . . <1ns (Typ)
• Low Supply Current. . . . . . . . . . . . . . . . . . 6.9mA (Typ)
• Excellent Gain Accuracy. . . . . . . . . . . . . .0.99V/V (Typ)
• Wide -3dB Bandwidth . . . . . . . . . . . . . . . 225MHz (Typ)
• Fast Slew Rate . . . . . . . . . . . . . . . . . . . . 1135V/μs (Typ)
• High Input Impedance . . . . . . . . . . . . . . . . . . 1MΩ (Typ)
• Excellent Gain Flatness (to 50MHz) . . . . . ±0.1dB (Typ)
• Total Gamma Dose . . . . . . . . . . . . . . . . . 300K RAD (Si)
• Neutron Damage . . . . . . . TBD (When Tests Complete)
• Latch Up . . . . . . . . . . . . . . . . . . . None (DI Technology)

Applications
• Flash A/D Driver
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Imaging Systems




Similar Part No. - HS-1115RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1115RH INTERSIL-HS-1115RH Datasheet
133Kb / 4P
Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
logo
Renesas Technology Corp
HS-1115RH RENESAS-HS-1115RH Datasheet
273Kb / 5P
Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
Feb 11, 2022
logo
Intersil Corporation
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
More results


Similar Description - HS-1115RH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115 Datasheet
159Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
1999 08
HS-1212RH INTERSIL-HS-1212RH Datasheet
107Kb / 9P
Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer
1999 08
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
August 1999
HFA1115883 INTERSIL-HFA1115883 Datasheet
537Kb / 5P
High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
July 1994
HFA1115 INTERSIL-HFA1115_04 Datasheet
402Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
High-Speed, Closed-Loop Buffer
logo
Renesas Technology Corp
HFA1115 RENESAS-HFA1115 Datasheet
408Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com