Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-1135RH Datasheet (PDF) - Intersil Corporation

HS-1135RH Datasheet PDF - Intersil Corporation
Part # HS-1135RH
Download  HS-1135RH Download
File Size   63.0 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting

HS-1135RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-1135RH Datasheet PDF - Intersil Corporation

Part # HS-1135RH
Download  HS-1135RH Click to download

File Size   63.0 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting

HS-1135RH Datasheet (HTML) - Intersil Corporation


HS-1135RH Product details

The HS-1135RH is a radiation hardened, high speed, low power current feedback amplifier built with Intersil’s proprietary complementary bipolar UHF-1 (DI bonded wafer) process. They are QML approved and processed in full compliance with MIL-PRF-38535. This amplifier features user programmable output limiting, via the VH and VL pins.

Features
• Electrically Screened to SMD # 5962-96767
• QML Qualified per MIL-PRF-38535 Requirements
• User Programmable Output Voltage Limiting
• Fast Overdrive Recovery . . . . . . . . . . . . . . . . . <1ns (Typ)
• Low Supply Current . . . . . . . . . . . . . . . . . . . . 6.9mA (Typ)
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . .360MHz (Typ)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . .1200V/µs (Typ)
• High Input Impedance . . . . . . . . . . . . . . . . . . . 2MΩ (Typ)
• Excellent Gain Flatness (to 50MHz). . . . . . ±0.07dB (Typ)
• Total Gamma Dose . . . . . . . . . . . . . . . . . . . 300kRAD(Si)
• Latch Up. . . . . . . . . . . . . . . . . . . . . None (DI Technology)

Applications
• Flash A/D Driver
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Imaging Systems




Similar Part No. - HS-1135RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1135RH INTERSIL-HS-1135RH Datasheet
258Kb / 9P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
April 6, 2009
logo
Renesas Technology Corp
HS-1135RH RENESAS-HS-1135RH Datasheet
635Kb / 12P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
May 5, 2025
logo
Intersil Corporation
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
April 6, 2009
More results


Similar Description - HS-1135RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1100RH INTERSIL-HS-1100RH Datasheet
132Kb / 11P
Radiation Hardened, Ultra High Speed Current Feedback Amplifier
1999 08
HS-1115RH INTERSIL-HS-1115RH Datasheet
42Kb / 4P
Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
1996 08
HS-1120RH INTERSIL-HS-1120RH Datasheet
119Kb / 11P
Radiation Hardened, Ultra High Speed Current Feedback Amplifier with Offset Adjust
1996 08
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
1999 08
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
1999 08
HS-1410RH INTERSIL-HS-1410RH Datasheet
23Kb / 2P
Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
August 1999
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
Low Power, Radiation Hardened Programmable Operational Amplifier
1995 08
HS-1145RH INTERSIL-HS-1145RH_05 Datasheet
324Kb / 9P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
February 14, 2005
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
April 6, 2009
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com