Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH6108 Datasheet (PDF) - Intersil Corporation

IH6108 Datasheet PDF - Intersil Corporation
Part # IH6108
Download  IH6108 Download
File Size   80.57 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Channel CMOS Analog Multiplexer

IH6108 Datasheet (PDF)

Go To PDF Page Download Datasheet
IH6108 Datasheet PDF - Intersil Corporation

Part # IH6108
Download  IH6108 Click to download

File Size   80.57 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Channel CMOS Analog Multiplexer

IH6108 Datasheet (HTML) - Intersil Corporation


IH6108 Product details

Description
The IH6108 is a CMOS 1-of-8 multiplexer. The part is a plugin replacement for the DG508A. Three-line decoding is used so that the 8 channels can be controlled by 3 Address inputs; additionally a fourth input is provided for use as a system enable. When the ENABLE input is high (5V), a channel is selected by the three Address inputs, and when low (0V) all channels are off. The 3 Address inputs are TTL and CMOS logic compatible, with a “1” corresponding to any voltage greater than 2.4V.

Features
• Ultra Low Leakage - ID(OFF) ≤ 100pA (Typ)
• rDS(ON) < 400Ω Over Full Signal and Temperature Range
• Power Supply Quiescent Current Less Than 100µA
• ±14V Analog Signal Range
• No SCR Latchup
• Break-Before-Make Switching
• Binary Address Control (3 Address Inputs Control 8Channels)
• TTL and CMOS Compatible Strobe Control
• Pin Compatible with DG508A, HI-508 and ADG508A
• Internal Diode in Series with V+ for Fault Protection




Similar Part No. - IH6108

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH6108 INTERSIL-IH6108 Datasheet
4Mb / 122P
P-CHANNEL JFET
IH6108 INTERSIL-IH6108 Datasheet
2Mb / 117P
Analog Switches and Multiplexers
More results


Similar Description - IH6108

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
8-Channel Analog Multiplexer
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
8-Channel CMOS Analog Multiplexer
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
8-Channel Analog Multiplexer
logo
Texas Instruments
CD4051B TI1-CD4051B_15 Datasheet
1Mb / 38P
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
logo
Maxim Integrated Produc...
DG408409 MAXIM-DG408409 Datasheet
35Kb / 5P
IMPROVED 8-CHANNEL/DUAL 4-CHANNEL CMOS ANALOG MULTIPLEXER
19-0088 Rev. C
MAX35859 MAXIM-MAX35859 Datasheet
33Kb / 4P
8-CHANNEL/DUAL 4-CHANNEL MONOLITHIC CMOS, ANALOG MULTIPLEXER
Rev. B
logo
Renesas Technology Corp
HI-1818A RENESAS-HI-1818A Datasheet
337Kb / 8P
Low Resistance, Single 8-Channel, CMOS Analog Multiplexer
November 19, 2004
HI-508 RENESAS-HI-508 Datasheet
766Kb / 11P
Single 8-Channel CMOS Analog Multiplexer
May 3, 2012
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com