Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6226 Datasheet (PDF) - Intersil Corporation

ISL6226 Datasheet PDF - Intersil Corporation
Part # ISL6226
Download  ISL6226 Download
File Size   384.67 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced PWM and Linear Power Controller for Portable Applications

ISL6226 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6226 Datasheet PDF - Intersil Corporation

Part # ISL6226
Download  ISL6226 Click to download

File Size   384.67 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced PWM and Linear Power Controller for Portable Applications

ISL6226 Datasheet (HTML) - Intersil Corporation


ISL6226 Product details

The ISL6226 provides power control and protection for two user selected output voltages required in high-performance notebook PC applications. The IC integrates a fixed, selectable frequency pulse-width-modulation (PWM) controller and a 3A LDO linear regulator controller with monitoring and protection circuitry in a single 24 lead SSOP package.



Features

• Provides Two Regulated Voltages

- Linear Regulator, User Selected, Current Limited

- High Efficiency PWM Over Wide Line and Load Range

- Synchronous Buck Converter on PWM Output

- Hysteretic Operation at Light Load

• Dual Mode Operation:

- Directly From Battery Input, VIN, of 5.6V to 24V or from VCC of 5V

• PWM Output Adjustable From 0.9V to 0.93*VIN

• Low Drop-Out (LDO) Linear Regulator Operates from Vout+0.5V to 24V

• LDO Output Adjustable

- From 0.8V to 3.8V at 0A to 3A for NPN Transistor

- From 0.8V to 3.0V at 0A to 3A for N-MOSFET

• 300/600kHz Switching Frequency Selectable

• Forced PWM Mode Control Option

• No Current-Sense Resistor Required on PWM Output

- Uses MOSFET’s rDS(ON)

- Optional Current-Sense Resistor for More Precision

• Separate Soft-Start For Both PWM and LDO

• Separate Enable Pins for both PWM and LDO for Advanced Configuration and Power Interface (ACPI)Compatibility

• Input Under voltage Lock-Out (UVLO) Protection

• Excellent Dynamic Response

- Input Voltage Feed-Forward and Current-Mode Control

• Monitors Output Voltages and Provides PGOOD Status

• Thermal Shut-Down Protection



Applications

• Mobile PCs

• Hand-Held Portable Instruments

• Other Devices and Appliances With up to 24V Input




Similar Part No. - ISL6226

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
February 2003
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6223CA INTERSIL-ISL6223CA Datasheet
402Kb / 15P
Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
February 2003
logo
Renesas Technology Corp
ISL6223CA RENESAS-ISL6223CA Datasheet
737Kb / 15P
Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6223CA-T INTERSIL-ISL6223CA-T Datasheet
402Kb / 15P
Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
February 2003
More results


Similar Description - ISL6226

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6235 INTERSIL-ISL6235 Datasheet
441Kb / 14P
Advanced Triple PWM Only Mode and Dual Linear Power Controller for Portable Applications
June 2001
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
Advanced PWM and Linear Power Controller
logo
Intersil Corporation
IPM6220 INTERSIL-IPM6220 Datasheet
358Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable
December 2000
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
August 2004
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
Advanced PWM and Triple Linear Power Controller for Gateway Applications
October 2001
logo
Anpec Electronics Corop...
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
Advanced PWM and Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
Advanced PWM and Triple Linear Power Controller
March 8, 2005
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
IPM6220 RENESAS-IPM6220 Datasheet
819Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
Dec 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com