Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6558IRZ Datasheet (PDF) - Intersil Corporation

ISL6558IRZ Datasheet PDF - Intersil Corporation
Part # ISL6558IRZ
Download  ISL6558IRZ Download
File Size   474.27 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning

ISL6558IRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6558IRZ Datasheet PDF - Intersil Corporation

Part # ISL6558IRZ
Download  ISL6558IRZ Click to download

File Size   474.27 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning

ISL6558IRZ Datasheet (HTML) - Intersil Corporation


ISL6558IRZ Product details

The ISL6558 is a multi-phase PWM controller, which in combination with the HIP6601B,HIP6602B, HIP6603B, or ISL6605 companion gate drivers form a complete solution for high-current, high slew-rate applications. The ISL6558 regulates output voltage, balances load currents and provides protective functions for two to four synchronous rectified buck converter channels.



Features

• Pb-Free Plus Anneal Available (RoHS Compliant)

• Multi-Phase Power Conversion

- 2-, 3-, or 4-Phase Operation

• Optional Output Voltage Droop

• Precision Channel-Current Balance

• Lossless Current Sensing

• Precision Reference Voltage

- 0.8V ± 1.5% Over -40°C - 85°C Range

- 0.8V ± 1.0% Over 0°C - 70°C Range

• Fast Transient Response

• Overcurrent and Overvoltage Protection

• Digital Soft-start

• Power Good Indication

• High Ripple Frequency (80kHz to 1.5MHz)

• QFN Package

- Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat No Leads-Product Outline

- Near Chip-Scale Package Footprint; Improves PCB Efficiency and Thinner in Profile




Similar Part No. - ISL6558IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558IRZ RENESAS-ISL6558IRZ Datasheet
845Kb / 17P
Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558IRZ-T RENESAS-ISL6558IRZ-T Datasheet
845Kb / 17P
Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558IRZA RENESAS-ISL6558IRZA Datasheet
845Kb / 17P
Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558IRZA-T RENESAS-ISL6558IRZA-T Datasheet
845Kb / 17P
Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
More results


Similar Description - ISL6558IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
Multi-Phase PWM Controller
December 29, 2004
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
December 2006
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
June 30, 2005
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6558 RENESAS-ISL6558 Datasheet
845Kb / 17P
Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com