Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84544CP Datasheet (PDF) - Intersil Corporation

ISL84544CP Datasheet PDF - Intersil Corporation
Part # ISL84544CP
Download  ISL84544CP Download
File Size   336.2 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches

ISL84544CP Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL84544CP Datasheet PDF - Intersil Corporation

Part # ISL84544CP
Download  ISL84544CP Click to download

File Size   336.2 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches

ISL84544CP Datasheet (HTML) - Intersil Corporation


ISL84544CP Product details

The Intersil ISL84541–ISL84544 devices are precision, dual analog switches designed to operate from a single +2.7V to +12V supply. Targeted applications include battery powered equipment that benefit from the devices’ low power consumption (5µW), low leakage currents (100pA max), and fast switching speeds (tON = 35ns, tOFF = 25ns). Cell phones, for example, often face ASIC functionality limitations. The number of analog input or GPIO pins may be limited and digital geometries are not well suited to analog switch performance. This family of parts may be used to “mux-in” additional functionality while reducing ASIC design risk. Some of the smallest packages are available alleviating board space limitations, and making Intersil’s newest line of low-voltage switches an ideal solution.

Features
• Pb-free Available as an Option
• Drop-in Replacements for MAX4541 - MAX4544, DG9461, DG9262 - DG9263
• Fully Specified at 3.3V and 5V Supplies
• Pin Compatible with MAX323 - MAX325
• ON Resistance (RON) . . . . . . . . . . . . . . . . . . . . . . . . 30Ω
• RON Matching Between Channels. . . . . . . . . . . . . . . . . . <1Ω
• Low Charge Injection . . . . . . . . . . . . . . . . . . . . . . 5pC (Max)
• Single Supply Operation. . . . . . . . . . . . . . . . . +2.7V to +12V
• Low Power Consumption (PD) . . . . . . . . . . . . . . . . . . . .<5µW
• Low Leakage Current (Max at 85oC) . . . . . . . . . . . . 10nA
• Fast Switching Action
    - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35ns
    - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25ns
• Guaranteed Break-Before-Make (ISL84543/ISL84544 only)
• Minimum 2000V ESD Protection per Method 3015.7
• TTL, CMOS Compatible
• Available in SOT-23 Packaging

Applications
• Battery Powered, Handheld, and Portable Equipment
    - Cellular/Mobile Phones
    - Pagers
    - Laptops, Notebooks, Palmtops
• Communications Systems
    - Military Radios
    - PBX, PABX
• Test Equipment
    - Ultrasound
    - Electrocardiograph
• Heads-Up Displays
• Audio and Video Switching
• Various Circuits
    - +3V/+5V DACs and ADCs
    - Sample and Hold Circuits
    - Digital Filters
    - Operational Amplifier Gain Switching Networks
    - High Frequency Analog Switching
    - High Speed Multiplexing
    - Integrator Reset Circuits




Similar Part No. - ISL84544CP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84544CP INTERSIL-ISL84544CP Datasheet
361Kb / 16P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
September 2003
ISL84544CPZ INTERSIL-ISL84544CPZ Datasheet
361Kb / 16P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
September 2003
More results


Similar Description - ISL84544CP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
June 2003
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
November 17, 2004
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
April 12, 2005
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
September 2003
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com