Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRG50100 Datasheet (PDF) - Intersil Corporation

RHRG50100 Datasheet PDF - Intersil Corporation
Part # RHRG50100
Download  RHRG50100 Download
File Size   38.79 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 1000V Hyperfast Diode

RHRG50100 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRG50100 Datasheet PDF - Intersil Corporation

Part # RHRG50100
Download  RHRG50100 Click to download

File Size   38.79 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 1000V Hyperfast Diode

RHRG50100 Datasheet (HTML) - Intersil Corporation


RHRG50100 Product details

50A, 1000V Hyperfast Diode

The RHRG50100 is a hyperfast diode with soft recovery characteristics (trr < 75ns). It has half the recovery time of ultrafast diodes and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors.
Formerly developmental type TA49066.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <75ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1000V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRG50100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
50A, 1200V Hyperfast Diode
January 2000
More results


Similar Description - RHRG50100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
348Kb / 5P
50A, 600V Hyperfast Diode
logo
Intersil Corporation
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
50A, 1200V Hyperfast Diode
January 2000
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
50A, 600V Hyperfast Diode
January 2000
RHRP15100 INTERSIL-RHRP15100 Datasheet
54Kb / 4P
15A, 1000V Hyperfast Diode
January 2000
RHRP30100 INTERSIL-RHRP30100 Datasheet
50Kb / 4P
30A, 1000V Hyperfast Diode
January 2000
RHRP8100 INTERSIL-RHRP8100 Datasheet
55Kb / 4P
8A, 1000V Hyperfast Diode
January 2000
RHRU50120 INTERSIL-RHRU50120 Datasheet
59Kb / 4P
50A, 1200V Hyperfast Diode
April 1995
RHRU5070 INTERSIL-RHRU5070 Datasheet
56Kb / 4P
50A, 700V - 1000V Hyperfast Diodes
April 1995
RURG50100 INTERSIL-RURG50100 Datasheet
32Kb / 3P
50A, 1000V Ultrafast Diode
January 2000
RURU50100 INTERSIL-RURU50100 Datasheet
31Kb / 3P
50A, 1000V Ultrafast Diode
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com