Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRG5060 Datasheet (PDF) - Intersil Corporation

RHRG5060 Datasheet PDF - Intersil Corporation
Part # RHRG5060
Download  RHRG5060 Download
File Size   48.42 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 600V Hyperfast Diode

RHRG5060 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRG5060 Datasheet PDF - Intersil Corporation

Part # RHRG5060
Download  RHRG5060 Click to download

File Size   48.42 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 600V Hyperfast Diode

RHRG5060 Datasheet (HTML) - Intersil Corporation


RHRG5060 Product details

The RHRG5060 is a hyperfast diode with soft recovery characteristics (trr < 45ns). It has half the recovery time of ultrafast diodes and is of silicon nitride passivated ion-implanted epitaxial planar construction.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <45ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRG5060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
348Kb / 5P
50A, 600V Hyperfast Diode
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
416Kb / 6P
50A, 600V Hyperfast Rectifier
logo
Inchange Semiconductor ...
RHRG5060 ISC-RHRG5060 Datasheet
312Kb / 2P
Ultra fast Rectifier
logo
ON Semiconductor
RHRG5060-F085 ONSEMI-RHRG5060-F085 Datasheet
1Mb / 7P
Hyperfast Rectifier 50 A, 600 V
July, 2024 - Rev. 5
logo
Fairchild Semiconductor
RHRG5060_F085 FAIRCHILD-RHRG5060_F085 Datasheet
416Kb / 6P
50A, 600V Hyperfast Rectifier
More results


Similar Description - RHRG5060

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S50VB60 SHINDENGEN-S50VB60 Datasheet
302Kb / 5P
Bridge Diode(600V 50A)
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
348Kb / 5P
50A, 600V Hyperfast Diode
RURG5060 FAIRCHILD-RURG5060 Datasheet
329Kb / 4P
50A, 600V Ultrafast Diode
logo
Intersil Corporation
RHRG50100 INTERSIL-RHRG50100 Datasheet
38Kb / 3P
50A, 1000V Hyperfast Diode
January 2000
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
50A, 1200V Hyperfast Diode
January 2000
RHRU50120 INTERSIL-RHRU50120 Datasheet
59Kb / 4P
50A, 1200V Hyperfast Diode
April 1995
RHRU5040 INTERSIL-RHRU5040 Datasheet
57Kb / 4P
50A, 400V - 600V Hyperfast Diodes
April 1995
RURG5060 INTERSIL-RURG5060 Datasheet
32Kb / 3P
50A, 600V Ultrafast Diode
January 2000
RURU5060 INTERSIL-RURU5060 Datasheet
31Kb / 3P
50A, 600V Ultrafast Diode
January 2000
logo
Fairchild Semiconductor
RHRG5060_F085 FAIRCHILD-RHRG5060_F085 Datasheet
416Kb / 6P
50A, 600V Hyperfast Rectifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com