Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURG5060 Datasheet (PDF) - Intersil Corporation

RURG5060 Datasheet PDF - Intersil Corporation
Part # RURG5060
Download  RURG5060 Download
File Size   32.37 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 600V Ultrafast Diode

RURG5060 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURG5060 Datasheet PDF - Intersil Corporation

Part # RURG5060
Download  RURG5060 Click to download

File Size   32.37 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 600V Ultrafast Diode

RURG5060 Datasheet (HTML) - Intersil Corporation


RURG5060 Product details

The RURG5060 is an ultrafast diode with soft recovery characteristics (trr < 65ns). It has low forward voltage drop and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast recovery with soft recovery characteristic minimizes ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <65ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURG5060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG5060 FAIRCHILD-RURG5060 Datasheet
329Kb / 4P
50A, 600V Ultrafast Diode
logo
ON Semiconductor
RURG5060-F085 ONSEMI-RURG5060-F085 Datasheet
1Mb / 7P
Ultrafast Rectifier 50 A, 600 V
July, 2024 - Rev. 5
More results


Similar Description - RURG5060

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S50VB60 SHINDENGEN-S50VB60 Datasheet
302Kb / 5P
Bridge Diode(600V 50A)
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
348Kb / 5P
50A, 600V Hyperfast Diode
RURG5060 FAIRCHILD-RURG5060 Datasheet
329Kb / 4P
50A, 600V Ultrafast Diode
logo
Intersil Corporation
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
50A, 600V Hyperfast Diode
January 2000
RURG50100 INTERSIL-RURG50100 Datasheet
32Kb / 3P
50A, 1000V Ultrafast Diode
January 2000
RURG50120 INTERSIL-RURG50120 Datasheet
49Kb / 4P
50A, 1200V Ultrafast Diode
January 2000
RURU50100 INTERSIL-RURU50100 Datasheet
31Kb / 3P
50A, 1000V Ultrafast Diode
January 2000
RURU50120 INTERSIL-RURU50120 Datasheet
50Kb / 4P
50A, 1200V Ultrafast Diode
January 2000
RURU5060 INTERSIL-RURU5060 Datasheet
31Kb / 3P
50A, 600V Ultrafast Diode
January 2000
logo
Fairchild Semiconductor
FFH50US60S FAIRCHILD-FFH50US60S Datasheet
126Kb / 6P
50A, 600V Stealth??Diode
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com