Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURG50120 Datasheet (PDF) - Intersil Corporation

RURG50120 Datasheet PDF - Intersil Corporation
Part # RURG50120
Download  RURG50120 Download
File Size   49.2 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 1200V Ultrafast Diode

RURG50120 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURG50120 Datasheet PDF - Intersil Corporation

Part # RURG50120
Download  RURG50120 Click to download

File Size   49.2 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 1200V Ultrafast Diode

RURG50120 Datasheet (HTML) - Intersil Corporation


RURG50120 Product details

50A, 1200V Ultrafast Diode

The RURG50120 is an ultrafast diode with soft recovery characteristics (trr < 125ns). It has low forward voltage drop and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast soft recovery minimizes ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.
Formerly developmental type TA49099.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . <125ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURG50120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURG50100 INTERSIL-RURG50100 Datasheet
32Kb / 3P
50A, 1000V Ultrafast Diode
January 2000
More results


Similar Description - RURG50120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG5060 FAIRCHILD-RURG5060 Datasheet
329Kb / 4P
50A, 600V Ultrafast Diode
logo
Intersil Corporation
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
50A, 1200V Hyperfast Diode
January 2000
RHRU50120 INTERSIL-RHRU50120 Datasheet
59Kb / 4P
50A, 1200V Hyperfast Diode
April 1995
RURG5060 INTERSIL-RURG5060 Datasheet
32Kb / 3P
50A, 600V Ultrafast Diode
January 2000
RURU50100 INTERSIL-RURU50100 Datasheet
31Kb / 3P
50A, 1000V Ultrafast Diode
January 2000
RURU50120 INTERSIL-RURU50120 Datasheet
50Kb / 4P
50A, 1200V Ultrafast Diode
January 2000
logo
Nihon Inter Electronics...
PT5112 NIEC-PT5112 Datasheet
137Kb / 3P
DIODE MODULE 50A/1200V/1600V
logo
UnitedSiC.
UJ3D1250K UNITEDSIC-UJ3D1250K Datasheet
329Kb / 6P
50A -1200V SiC Schottky Diode
Rev. D, May 2020
UJ3D1250K2 UNITEDSIC-UJ3D1250K2 Datasheet
315Kb / 6P
50A -1200V SiC Schottky Diode
Rev. B, April 2020
logo
Rohm
MH2205WZ ROHM-MH2205WZ Datasheet
1Mb / 4P
1200V 50A Fast Recovery Diode
2021.08 - Rev.A
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com