Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRG75120 Datasheet (PDF) - Intersil Corporation

RHRG75120 Datasheet PDF - Intersil Corporation
Part # RHRG75120
Download  RHRG75120 Download
File Size   32.52 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 1200V Hyperfast Diode

RHRG75120 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRG75120 Datasheet PDF - Intersil Corporation

Part # RHRG75120
Download  RHRG75120 Click to download

File Size   32.52 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 1200V Hyperfast Diode

RHRG75120 Datasheet (HTML) - Intersil Corporation


RHRG75120 Product details

The RHRG75120 is a hyperfast diode with soft recovery characteristics (trr < 85ns). It has half the recovery time of ultrafast diodes and is silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of high frequency switching power supplies and other power switching applications. Its low stored charge and hyperfast soft recovery characteristic minimize ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <85ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRG75120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
75A, 1200V Hyperfast Diode
logo
Inchange Semiconductor ...
RHRG75120 ISC-RHRG75120 Datasheet
259Kb / 2P
Hyperfast Diode
More results


Similar Description - RHRG75120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG30120 FAIRCHILD-RHRG30120 Datasheet
74Kb / 4P
30A, 1200V Hyperfast Diode
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
50A, 1200V Hyperfast Diode
January 2000
RHRG7560 INTERSIL-RHRG7560 Datasheet
46Kb / 4P
75A, 600V Hyperfast Diode
January 2000
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
8A, 1200V Hyperfast Diode
January 2000
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
75A, 1200V Hyperfast Diode
April 1995
RURG75120 INTERSIL-RURG75120 Datasheet
32Kb / 3P
75A, 1200V Ultrafast Diode
January 2000
RURU75120 INTERSIL-RURU75120 Datasheet
31Kb / 3P
75A, 1200V Ultrafast Diode
January 2000
logo
Diodes Incorporated
PT7612 DIODES-PT7612 Datasheet
140Kb / 3P
DIODE MODULE 75A/1200V/1600V
logo
Nihon Inter Electronics...
PT76S12 NIEC-PT76S12 Datasheet
118Kb / 3P
DIODE MODULE 75A/1200V/1600V
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com