Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRG7560 Datasheet (PDF) - Intersil Corporation

RHRG7560 Datasheet PDF - Intersil Corporation
Part # RHRG7560
Download  RHRG7560 Download
File Size   46.92 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 600V Hyperfast Diode

RHRG7560 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRG7560 Datasheet PDF - Intersil Corporation

Part # RHRG7560
Download  RHRG7560 Click to download

File Size   46.92 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 75A, 600V Hyperfast Diode

RHRG7560 Datasheet (HTML) - Intersil Corporation


RHRG7560 Product details

75A, 600V Hyperfast Diode

The RHRG7560 is a hyperfast diode with soft recovery characteristics (trr < 55ns). It has half the recovery time of ultrafast diodes and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors.
Formerly developmental type TA49067.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <55ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRG7560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG75100 INTERSIL-RHRG75100 Datasheet
61Kb / 4P
75A, 700V - 1000V Hyperfast Diodes
April 1995
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
75A, 1200V Hyperfast Diode
January 2000
logo
Inchange Semiconductor ...
RHRG75120 ISC-RHRG75120 Datasheet
259Kb / 2P
Hyperfast Diode
logo
Intersil Corporation
RHRG7570 INTERSIL-RHRG7570 Datasheet
61Kb / 4P
75A, 700V - 1000V Hyperfast Diodes
April 1995
More results


Similar Description - RHRG7560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
348Kb / 5P
50A, 600V Hyperfast Diode
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHR1K160 INTERSIL-RHR1K160 Datasheet
113Kb / 8P
1A, 600V Hyperfast Diode
January 2000
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
50A, 600V Hyperfast Diode
January 2000
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
75A, 1200V Hyperfast Diode
January 2000
RHRU10060 INTERSIL-RHRU10060 Datasheet
42Kb / 3P
100A, 600V Hyperfast Diode
January 2000
RHRU15060 INTERSIL-RHRU15060 Datasheet
40Kb / 3P
150A, 600V Hyperfast Diode
January 2000
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
75A, 1200V Hyperfast Diode
April 1995
RHRU7540 INTERSIL-RHRU7540 Datasheet
60Kb / 4P
75A, 400V - 600V Hyperfast Diodes
April 1995
logo
Nihon Inter Electronics...
PCHMB75A6A NIEC-PCHMB75A6A_1 Datasheet
115Kb / 3P
75A 600V
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com