Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURG3070CC Datasheet (PDF) - Intersil Corporation

RURG3070CC Datasheet PDF - Intersil Corporation
Part # RURG3070CC
Download  RURG3070CC Download
File Size   31.75 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 700V - 1000V Ultrafast Dual Diodes

RURG3070CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RURG3070CC Datasheet PDF - Intersil Corporation

Part # RURG3070CC
Download  RURG3070CC Click to download

File Size   31.75 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 700V - 1000V Ultrafast Dual Diodes

RURG3070CC Datasheet (HTML) - Intersil Corporation


RURG3070CC Product details

Description
RURG3070CC, RURG3080CC, RURG3090CC and RURG30100CC are ultrafast dual diodes with soft recovery characteristics (tRR < 110ns). They have low forward voltage drop and are silicon nitride passivated ion-implanted epitaxial planar construction.
These devices are intended for use as freewheel/clamping diode and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast recovery with soft recovery characteristic minimizes ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.

Features
• Ultrafast with Soft Recovery. . . . . . . . . . . . . . . . <110ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . .+175°C
• Reverse Voltage Up to . . . . . . . . . . . . . . . . . . . . . . 1000V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURG3070CC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURG30100 INTERSIL-RURG30100 Datasheet
32Kb / 3P
30A, 1000V Ultrafast Diode
January 2000
RURG30120 INTERSIL-RURG30120 Datasheet
31Kb / 3P
30A, 1200V Ultrafast Diode
January 2000
RURG30120CC INTERSIL-RURG30120CC Datasheet
32Kb / 3P
30A, 1200V Ultrafast Dual Diode
January 2000
RURG3020 INTERSIL-RURG3020 Datasheet
64Kb / 6P
30A, 200V Ultrafast Diode
January 2000
logo
Won-Top Electronics
RURG3020 WTE-RURG3020 Datasheet
155Kb / 4P
30A GLASS PASSIVATED SUPERFAST RECTIFIER
July, 2019
More results


Similar Description - RURG3070CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG3040CC FAIRCHILD-RURG3040CC Datasheet
342Kb / 4P
30A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
RHRG7570 INTERSIL-RHRG7570 Datasheet
61Kb / 4P
75A, 700V - 1000V Hyperfast Diodes
April 1995
RHRU5070 INTERSIL-RHRU5070 Datasheet
56Kb / 4P
50A, 700V - 1000V Hyperfast Diodes
April 1995
RHRU7570 INTERSIL-RHRU7570 Datasheet
60Kb / 4P
75A, 700V - 1000V Hyperfast Diodes
April 1995
RURG30100 INTERSIL-RURG30100 Datasheet
32Kb / 3P
30A, 1000V Ultrafast Diode
January 2000
RURG3040CC INTERSIL-RURG3040CC Datasheet
39Kb / 3P
30A, 400V - 600V Ultrafast Dual Diodes
January 2000
RURH30100CC INTERSIL-RURH30100CC Datasheet
33Kb / 3P
30A, 1000V Ultrafast Dual Diode
January 2000
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
30A, 400V - 600V Ultrafast Dual Diodes
January 2000
RURP30100 INTERSIL-RURP30100 Datasheet
31Kb / 3P
30A, 1000V Ultrafast Diode
January 2000
RURU15070 INTERSIL-RURU15070 Datasheet
48Kb / 4P
150A, 700V - 1000V Ultrafast Diodes
April 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com