Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURH30100CC Datasheet (PDF) - Intersil Corporation

RURH30100CC Datasheet PDF - Intersil Corporation
Part # RURH30100CC
Download  RURH30100CC Download
File Size   33.2 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 1000V Ultrafast Dual Diode

RURH30100CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RURH30100CC Datasheet PDF - Intersil Corporation

Part # RURH30100CC
Download  RURH30100CC Click to download

File Size   33.2 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 1000V Ultrafast Dual Diode

RURH30100CC Datasheet (HTML) - Intersil Corporation


RURH30100CC Product details

30A, 1000V Ultrafast Dual Diode

The RURH30100CC is an ultrafast dual diode with soft recovery characteristics (trr < 110ns). It has low forward voltage drop and is of silicon nitride passivated ionimplanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast recovery with soft recovery characteristic minimizes ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors.
Formerly developmental type TA09904.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . <110ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1000V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURH30100CC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURH3020CC INTERSIL-RURH3020CC Datasheet
33Kb / 3P
30A, 200V Ultrafast Dual Diode
January 2000
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
30A, 400V - 600V Ultrafast Dual Diodes
January 2000
RURH3060CC INTERSIL-RURH3060CC Datasheet
39Kb / 3P
30A, 400V - 600V Ultrafast Dual Diodes
January 2000
More results


Similar Description - RURH30100CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG3020CC FAIRCHILD-RURG3020CC Datasheet
338Kb / 4P
30A, 200V Ultrafast Dual Diode
logo
Intersil Corporation
RHRG30100CC INTERSIL-RHRG30100CC Datasheet
49Kb / 4P
30A, 1000V Hyperfast Dual Diode
January 2000
RURG15100CC INTERSIL-RURG15100CC Datasheet
34Kb / 3P
15A, 1000V Ultrafast Dual Diode
January 2000
RURG30100 INTERSIL-RURG30100 Datasheet
32Kb / 3P
30A, 1000V Ultrafast Diode
January 2000
RURG3020CC INTERSIL-RURG3020CC Datasheet
32Kb / 3P
30A, 200V Ultrafast Dual Diode
January 2000
RURG3070CC INTERSIL-RURG3070CC Datasheet
31Kb / 3P
30A, 700V - 1000V Ultrafast Dual Diodes
April 1995
RURH15100CC INTERSIL-RURH15100CC Datasheet
33Kb / 3P
15A, 1000V Ultrafast Dual Diode
January 2000
RURH3020CC INTERSIL-RURH3020CC Datasheet
33Kb / 3P
30A, 200V Ultrafast Dual Diode
January 2000
RURP30100 INTERSIL-RURP30100 Datasheet
31Kb / 3P
30A, 1000V Ultrafast Diode
January 2000
RURP8100CC INTERSIL-RURP8100CC Datasheet
50Kb / 4P
8A, 1000V Ultrafast Dual Diode
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com