Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURH3020CC Datasheet (PDF) - Intersil Corporation

RURH3020CC Datasheet PDF - Intersil Corporation
Part # RURH3020CC
Download  RURH3020CC Download
File Size   33.45 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 200V Ultrafast Dual Diode

RURH3020CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RURH3020CC Datasheet PDF - Intersil Corporation

Part # RURH3020CC
Download  RURH3020CC Click to download

File Size   33.45 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 200V Ultrafast Dual Diode

RURH3020CC Datasheet (HTML) - Intersil Corporation


RURH3020CC Product details

The RURH3020CC is an ultrafast dual diode (trr < 45ns) with soft recovery characteristics. It has a low forward voltage drop and is of planar, silicon nitride passivated, ion-implanted, epitaxial construction.
This device is intended for use as an energy steering/ clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast recovery with soft recovery characteristics minimize ringing and electrical noise in many power switching circuits thus reducing power loss in the switching transistor.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <45ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supply
• Power Switching Circuits
• General Purpose




Similar Part No. - RURH3020CC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURH30100CC INTERSIL-RURH30100CC Datasheet
33Kb / 3P
30A, 1000V Ultrafast Dual Diode
January 2000
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
30A, 400V - 600V Ultrafast Dual Diodes
January 2000
RURH3060CC INTERSIL-RURH3060CC Datasheet
39Kb / 3P
30A, 400V - 600V Ultrafast Dual Diodes
January 2000
More results


Similar Description - RURH3020CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG1520CC FAIRCHILD-RURG1520CC Datasheet
339Kb / 4P
15A, 200V Ultrafast Dual Diode
RURG3020CC FAIRCHILD-RURG3020CC Datasheet
338Kb / 4P
30A, 200V Ultrafast Dual Diode
RURP3020 FAIRCHILD-RURP3020 Datasheet
340Kb / 4P
30A, 200V Ultrafast Diode
logo
Intersil Corporation
RURG1520CC INTERSIL-RURG1520CC Datasheet
31Kb / 3P
15A, 200V Ultrafast Dual Diode
January 2000
RURG1540CC INTERSIL-RURG1540CC Datasheet
32Kb / 3P
15A, 200V Ultrafast Dual Diode
January 2000
RURG3020 INTERSIL-RURG3020 Datasheet
64Kb / 6P
30A, 200V Ultrafast Diode
January 2000
RURG3020CC INTERSIL-RURG3020CC Datasheet
32Kb / 3P
30A, 200V Ultrafast Dual Diode
January 2000
RURP3020 INTERSIL-RURP3020 Datasheet
33Kb / 3P
30A, 200V Ultrafast Diode
January 2000
logo
Fairchild Semiconductor
RURG1520CC FAIRCHILD-RURG1520CC_05 Datasheet
52Kb / 5P
15A, 200V Ultrafast Dual Diode
logo
Shenzhen Winsemi Microe...
WSAD92-02 WINSEMI-WSAD92-02 Datasheet
327Kb / 5P
20A,200V Ultrafast Dual Diode
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com