Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURP8120 Datasheet (PDF) - Intersil Corporation

RURP8120 Datasheet PDF - Intersil Corporation
Part # RURP8120
Download  RURP8120 Download
File Size   49.21 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 1200V Ultrafast Diode

RURP8120 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURP8120 Datasheet PDF - Intersil Corporation

Part # RURP8120
Download  RURP8120 Click to download

File Size   49.21 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 1200V Ultrafast Diode

RURP8120 Datasheet (HTML) - Intersil Corporation


RURP8120 Product details

The RURP8120 is an ultrafast diode with soft recovery characteristics (trr < 100ns). It has low forward voltage drop and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast soft recovery minimize ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . <100ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1200V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURP8120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURP8120CC INTERSIL-RURP8120CC Datasheet
49Kb / 4P
8A, 1200V Ultrafast Dual Diode
January 2000
More results


Similar Description - RURP8120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9K8120P3 FAIRCHILD-ISL9K8120P3 Datasheet
140Kb / 6P
8A, 1200V Stealth??Dual Diode
ISL9R8120P2 FAIRCHILD-ISL9R8120P2 Datasheet
145Kb / 6P
8A, 1200V Stealth??Diode
RHRP8120 FAIRCHILD-RHRP8120 Datasheet
351Kb / 5P
8A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
8A, 1200V Hyperfast Diode
January 2000
RHRP8120CC INTERSIL-RHRP8120CC Datasheet
49Kb / 4P
8A, 1200V Hyperfast Dual Diode
January 2000
RURG30120 INTERSIL-RURG30120 Datasheet
31Kb / 3P
30A, 1200V Ultrafast Diode
January 2000
RURG50120 INTERSIL-RURG50120 Datasheet
49Kb / 4P
50A, 1200V Ultrafast Diode
January 2000
RURG75120 INTERSIL-RURG75120 Datasheet
32Kb / 3P
75A, 1200V Ultrafast Diode
January 2000
RURP8120CC INTERSIL-RURP8120CC Datasheet
49Kb / 4P
8A, 1200V Ultrafast Dual Diode
January 2000
RURU100120 INTERSIL-RURU100120 Datasheet
42Kb / 3P
100A, 1200V Ultrafast Diode
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com