Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURU15060 Datasheet (PDF) - Intersil Corporation

RURU15060 Datasheet PDF - Intersil Corporation
Part # RURU15060
Download  RURU15060 Download
File Size   31.74 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 150A, 600V Ultrafast Diode

RURU15060 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURU15060 Datasheet PDF - Intersil Corporation

Part # RURU15060
Download  RURU15060 Click to download

File Size   31.74 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 150A, 600V Ultrafast Diode

RURU15060 Datasheet (HTML) - Intersil Corporation


RURU15060 Product details

The RURU15060 is an ultrafast diode with soft recovery characteristics (trr < 85ns). It has low forward voltage drop and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast recovery with soft recovery characteristic minimizes ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.

Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <85ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURU15060

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURU150100 INTERSIL-RURU150100 Datasheet
48Kb / 4P
150A, 700V - 1000V Ultrafast Diodes
April 1995
RURU150120 INTERSIL-RURU150120 Datasheet
69Kb / 4P
150A, 1200V Ultrafast Diode
January 2000
RURU15070 INTERSIL-RURU15070 Datasheet
48Kb / 4P
150A, 700V - 1000V Ultrafast Diodes
April 1995
RURU15080 INTERSIL-RURU15080 Datasheet
48Kb / 4P
150A, 700V - 1000V Ultrafast Diodes
April 1995
RURU15090 INTERSIL-RURU15090 Datasheet
48Kb / 4P
150A, 700V - 1000V Ultrafast Diodes
April 1995
More results


Similar Description - RURU15060

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRU15060 INTERSIL-RHRU15060 Datasheet
40Kb / 3P
150A, 600V Hyperfast Diode
January 2000
RURU150120 INTERSIL-RURU150120 Datasheet
69Kb / 4P
150A, 1200V Ultrafast Diode
January 2000
logo
Nihon Inter Electronics...
PCHMB150A6 NIEC-PCHMB150A6_1 Datasheet
126Kb / 3P
150A 600V
PCHMB150A6A NIEC-PCHMB150A6A_1 Datasheet
126Kb / 3P
150A 600V
PDMB150A6 NIEC-PDMB150A6_1 Datasheet
161Kb / 4P
150A 600V
PDMB150E6 NIEC-PDMB150E6 Datasheet
346Kb / 4P
150A 600V
PRHMB150A6 NIEC-PRHMB150A6_1 Datasheet
126Kb / 3P
150A 600V
logo
National Instruments Co...
PBMB150E6 NI-PBMB150E6_15 Datasheet
261Kb / 4P
150A, 600V
PCHMB150E6 NI-PCHMB150E6_15 Datasheet
333Kb / 4P
150A, 600V
PCHMB200E6 NI-PCHMB200E6_15 Datasheet
262Kb / 4P
150A, 600V
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com