Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

857141 Datasheet (PDF) - TriQuint Semiconductor

857141 Datasheet PDF - TriQuint Semiconductor
Part # 857141
Download  857141 Download
File Size   356.64 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 1227.6 MHz SAW Filter

857141 Datasheet (PDF)

Go To PDF Page Download Datasheet
857141 Datasheet PDF - TriQuint Semiconductor

Part # 857141
Download  857141 Click to download

File Size   356.64 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 1227.6 MHz SAW Filter

857141 Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - 857141

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857140 TRIQUINT-857140 Datasheet
360Kb / 6P
1575.42 MHz SAW Filter
857140-EVB TRIQUINT-857140-EVB Datasheet
360Kb / 6P
1575.42 MHz SAW Filter
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
1575.42 MHz SAW Filter
857142 TRIQUINT-857142 Datasheet
366Kb / 6P
1227.6 MHz SAW Filter
857142-EVB TRIQUINT-857142-EVB Datasheet
366Kb / 6P
1227.6 MHz SAW Filter
More results


Similar Description - 857141

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
logo
TriQuint Semiconductor
856700 TRIQUINT-856700_15 Datasheet
416Kb / 5P
1227.6 MHz SAW Filter
857142 TRIQUINT-857142_15 Datasheet
366Kb / 6P
1227.6 MHz SAW Filter
880060 TRIQUINT-880060_15 Datasheet
235Kb / 6P
1227.6 MHz GPS L2 BAW Filter
880372 TRIQUINT-880372_15 Datasheet
168Kb / 5P
1227.6 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1184A TAI-SAW-TA1184A Datasheet
377Kb / 6P
SAW Filter 1227.6 MHz
TA1819A TAI-SAW-TA1819A Datasheet
290Kb / 6P
SAW Filter 1227.6 MHz
TA2028A TAI-SAW-TA2028A Datasheet
431Kb / 7P
SAW Filter 1227.6 MHz
TA2598A TAI-SAW-TA2598A Datasheet
763Kb / 8P
SAW Filter 1227.6 MHz BW 20 MHz SMD 2.0x1.6 mm
logo
Qorvo, Inc
880060 QORVO-880060 Datasheet
235Kb / 6P
1227.6 MHz GPS L2 BAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com