Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI9634G Datasheet (PDF) - International Rectifier

IRFI9634G Datasheet PDF - International Rectifier
Part # IRFI9634G
Download  IRFI9634G Download
File Size   120.46 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)

IRFI9634G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI9634G Datasheet PDF - International Rectifier

Part # IRFI9634G
Download  IRFI9634G Click to download

File Size   120.46 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)

IRFI9634G Datasheet (HTML) - International Rectifier


IRFI9634G Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220 Fullpak eliminates the need for additional insulating hardware in commercial-industrial applications. The moulding compound used provides a high isolation capability and a low thermal resistance between the tab and external heatsink. This isolation is equivalent to using a 100 micron mica barrier with standard TO-220 product. The Fullpak is mounted to a heatsink using a single clip or by a single screw fixing.

● Advanced Process Technology
● Dynamic dv/dt Rating
● 150°C Operating Temperature
● Fast Switching
● P-Channel
● Fully Avalanche Rated




Similar Part No. - IRFI9634G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI9634G VISHAY-IRFI9634G Datasheet
850Kb / 8P
Power MOSFET
23-Jun-08
IRFI9634G VISHAY-IRFI9634G Datasheet
261Kb / 10P
Power MOSFET
06-Sep-2021
logo
International Rectifier
IRFI9634GPBF IRF-IRFI9634GPBF Datasheet
362Kb / 8P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFI9634GPBF VISHAY-IRFI9634GPBF Datasheet
850Kb / 8P
Power MOSFET
23-Jun-08
IRFI9634G VISHAY-IRFI9634G_V01 Datasheet
261Kb / 10P
Power MOSFET
06-Sep-2021
More results


Similar Description - IRFI9634G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC730 IRF-IRC730 Datasheet
223Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=5.5A)
IRF1730G IRF-IRF1730G Datasheet
171Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=3.7A)
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRFI620G IRF-IRFI620G Datasheet
173Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.1A)
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
IRFPE30 IRF-IRFPE30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com