Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-FL7615 Datasheet (PDF) - BetLux Electronics

BL-FL7615 Datasheet PDF - BetLux Electronics
Part # BL-FL7615
Download  BL-FL7615 Download
File Size   229.1 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 7.62*7.62*5.0MM, 5mm high power, SUPER FLUX LED LAMP

BL-FL7615 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL-FL7615 Datasheet PDF - BetLux Electronics

Part # BL-FL7615
Download  BL-FL7615 Click to download

File Size   229.1 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 7.62*7.62*5.0MM, 5mm high power, SUPER FLUX LED LAMP

BL-FL7615 Datasheet (HTML) - BetLux Electronics




Similar Part No. - BL-FL7615

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-FL7615BGC BETLUX-BL-FL7615BGC Datasheet
67Kb / 3P
SUPER FLUX LED LAMP, 4PIN LED
REV NO: V.2
BL-FL7615BGC BETLUX-BL-FL7615BGC Datasheet
229Kb / 4P
SUPER FLUX LED LAMP, 4PIN LED
REV NO: V.2
BL-FL7615PGC BETLUX-BL-FL7615PGC Datasheet
67Kb / 3P
SUPER FLUX LED LAMP, 4PIN LED
REV NO: V.2
BL-FL7615PGC BETLUX-BL-FL7615PGC Datasheet
229Kb / 4P
SUPER FLUX LED LAMP, 4PIN LED
REV NO: V.2
BL-FL7615UBC BETLUX-BL-FL7615UBC Datasheet
67Kb / 3P
SUPER FLUX LED LAMP, 4PIN LED
REV NO: V.2
More results


Similar Description - BL-FL7615

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7677C2ZGC KINGBRIGHT-WP7677C2ZGC Datasheet
255Kb / 5P
SUPER FLUX LED LAMP
logo
BetLux Electronics
BL-FL760R BETLUX-BL-FL760R Datasheet
229Kb / 4P
7.62*7.62*3.5MM, flat round top, SUPER FLUX LED LAMP
REV NO: V.2
BL-FL7600 BETLUX-BL-FL7600 Datasheet
229Kb / 4P
7.62*7.62*2.5MM, flat top, SUPER FLUX LED LAMP
REV NO: V.2
BL-FL7644 BETLUX-BL-FL7644 Datasheet
365Kb / 4P
7.62*7.62*4.0MM, 4MM Cylindrical, Inverted Cone SUPER FLUX LED LAMP
REV NO: V.2
BL-FL7653 BETLUX-BL-FL7653 Datasheet
230Kb / 4P
7.62*7.62*4.7MM, 3MM Elliptical head SUPER FLUX LED LAMP
REV NO: V.2
BL-FL7660 BETLUX-BL-FL7660 Datasheet
300Kb / 4P
7.62*7.62*4.0MM, 3MM ROUND SUPER FLUX LED LAMP
REV NO: V.2
BL-FL7670 BETLUX-BL-FL7670 Datasheet
305Kb / 4P
7.62*7.62*4.0MM, 3MM ROUND SUPER FLUX LED LAMP
REV NO: V.2
BL-FL7680 BETLUX-BL-FL7680 Datasheet
510Kb / 4P
7.62*7.62*5.0MM, 5MM ROUND SUPER FLUX LED LAMP
REV NO: V.2
logo
Inolux Corporation
HT-PR80XXX INOLUX-HT-PR80XXX Datasheet
601Kb / 12P
Super Flux Led Lamp with 5mm Dome
logo
Elite Enterprises (H.K....
1P00S6W33B0CA0Z1 ELITE-1P00S6W33B0CA0Z1 Datasheet
435Kb / 8P
Standard 7.62*7.62*3.5mm diameter package
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com