Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T12A6CI Datasheet (PDF) - KEC(Korea Electronics)

T12A6CI Datasheet PDF - KEC(Korea Electronics)
Part # T12A6CI
Download  T12A6CI Download
File Size   82.26 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC (AC POWER CONTROL)

T12A6CI Datasheet (PDF)

Go To PDF Page Download Datasheet
T12A6CI Datasheet PDF - KEC(Korea Electronics)

Part # T12A6CI
Download  T12A6CI Click to download

File Size   82.26 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC (AC POWER CONTROL)

T12A6CI Datasheet (HTML) - KEC(Korea Electronics)


T12A6CI Product details

AC POWER CONTROL APPLICATION.

FEATURES
• Repetitive Peak Off-state Voltage : VDRM=600V.
• R.M.S On-State Current : IT(RMS)=12A.
• High Commutaing (dv/dt)
• Isolation Voltage : VISOL=1500V AC (UL Recognized : E166398)

APPLICATIONS
• Switching Mode Power Supply
• Speed Control of Small Motors
• Solid State Relay
• Light Dimmer
• Washing Machine
• Temperature Control of Heater




Similar Part No. - T12A6CI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T12 STMICROELECTRONICS-T12 Datasheet
116Kb / 7P
12A TRIACS
Sep-2002
logo
Vishay Siliconix
T12 VISHAY-T12 Datasheet
132Kb / 5P
Fully Sealed Container Square or Round Cermet Trimmers
06-Jul-06
T12 VISHAY-T12 Datasheet
122Kb / 6P
Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
03-Apr-17
logo
Schurter Inc.
T12-111 SCHURTER-T12-111 Datasheet
465Kb / 7P
Circuit Breaker for Equipment thermal, Flange type, Reset type, Quick connect terminals
T12-112 SCHURTER-T12-112 Datasheet
446Kb / 7P
Circuit Breaker for Equipment thermal, Flange type, Reset type, Screw terminals
More results


Similar Description - T12A6CI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
T10A6CI KEC-T10A6CI Datasheet
82Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC (AC POWER CONTROL)
T16A6CI KEC-T16A6CI Datasheet
81Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 16A MOLD TRIAC (AC POWER CONTROL)
T1A6C KEC-T1A6C Datasheet
78Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 1A MOLD TRIAC (AC POWER CONTROL)
T3A6CI KEC-T3A6CI Datasheet
82Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 3A MOLD TRIAC
T8A6CI KEC-T8A6CI Datasheet
82Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 8A MOLD TRIAC (AC POWER CONTROL)
T6A6CI KEC-T6A6CI Datasheet
91Kb / 3P
Bi-Directional Triode Thyristor 6A Mold TRIAC
logo
Toshiba Semiconductor
SM2G41 TOSHIBA-SM2G41 Datasheet
95Kb / 1P
BI-DIRECTIONAL TRIODE THYRISTOR(TRIAC)
logo
SemiWell Semiconductor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
Bi-Directional Triode Thyristor
logo
SHANTOU HUASHAN ELECTRO...
HTR1A60 HUASHAN-HTR1A60 Datasheet
281Kb / 4P
BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
HTR1A80 HUASHAN-HTR1A80 Datasheet
1Mb / 4P
BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com