Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T16A6CI Datasheet (PDF) - KEC(Korea Electronics)

T16A6CI Datasheet PDF - KEC(Korea Electronics)
Part # T16A6CI
Download  T16A6CI Download
File Size   81.61 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BI-DIRECTIONAL TRIODE THYRISTOR 16A MOLD TRIAC (AC POWER CONTROL)

T16A6CI Datasheet (PDF)

Go To PDF Page Download Datasheet
T16A6CI Datasheet PDF - KEC(Korea Electronics)

Part # T16A6CI
Download  T16A6CI Click to download

File Size   81.61 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BI-DIRECTIONAL TRIODE THYRISTOR 16A MOLD TRIAC (AC POWER CONTROL)

T16A6CI Datasheet (HTML) - KEC(Korea Electronics)


T16A6CI Product details

AC POWER CONTROL APPLICATION.



FEATURES

• Repetitive Peak Off-state Voltage : VDRM=600V.

• R.M.S On-State Current : IT(RMS)=16A.

• High Commutaing (dv/dt)

• Isolation Voltage : VISOL=1500V AC

                          (UL Recognized : E166398)



APPLICATIONS

• Switching Mode Power Supply

• Speed Control of Small Motors

• Solid State Relay

• Light Dimmer

• Washing Machine

• Temperature Control of Heater



 




Similar Part No. - T16A6CI

ManufacturerPart #DatasheetDescription
logo
NEC
T16A2 NEC-T16A2 Datasheet
87Kb / 2P
Tape Autoloader
More results


Similar Description - T16A6CI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
T10A6CI KEC-T10A6CI Datasheet
82Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC (AC POWER CONTROL)
T12A6CI KEC-T12A6CI Datasheet
82Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC (AC POWER CONTROL)
T1A6C KEC-T1A6C Datasheet
78Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 1A MOLD TRIAC (AC POWER CONTROL)
T3A6CI KEC-T3A6CI Datasheet
82Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 3A MOLD TRIAC
T8A6CI KEC-T8A6CI Datasheet
82Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 8A MOLD TRIAC (AC POWER CONTROL)
T6A6CI KEC-T6A6CI Datasheet
91Kb / 3P
Bi-Directional Triode Thyristor 6A Mold TRIAC
logo
Toshiba Semiconductor
SM2G41 TOSHIBA-SM2G41 Datasheet
95Kb / 1P
BI-DIRECTIONAL TRIODE THYRISTOR(TRIAC)
logo
SemiWell Semiconductor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
Bi-Directional Triode Thyristor
logo
SHANTOU HUASHAN ELECTRO...
HTR1A60 HUASHAN-HTR1A60 Datasheet
281Kb / 4P
BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
HTR1A80 HUASHAN-HTR1A80 Datasheet
1Mb / 4P
BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com